Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1203 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1203 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 4Page - Texas Instruments AMC1203 Datasheet HTML 5Page - Texas Instruments AMC1203 Datasheet HTML 6Page - Texas Instruments AMC1203 Datasheet HTML 7Page - Texas Instruments AMC1203 Datasheet HTML 8Page - Texas Instruments AMC1203 Datasheet HTML 9Page - Texas Instruments AMC1203 Datasheet HTML 10Page - Texas Instruments AMC1203 Datasheet HTML 11Page - Texas Instruments AMC1203 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0
1
2
3
4
5
6
7
8
−250 −200 −150 −100 −50
0
50
100
150
200
250
Input Signal Amplitude (mV)
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
4.5
5
5.5
AVDD (V)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
5
10
15
20
25
Clock Freuency (MHz)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
40
45
50
55
60
Clock Duty Cycle (%)
AMC1204
SBAS512B
– APRIL 2011 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS
At AVDD = 5V, DVDD = 3.3V, VINP =
–250mV to +250mV, VINN = 0V, and sinc
3 filter with OSR = 256, unless otherwise
noted.
INTEGRAL NONLINEARITY
vs INPUT SIGNAL AMPLITUDE
INTEGRAL NONLINEARITY vs TEMPERATURE
Figure 2.
Figure 3.
OFFSET ERROR
vs ANALOG SUPPLY VOLTAGE
OFFSET ERROR vs TEMPERATURE
Figure 4.
Figure 5.
OFFSET ERROR vs CLOCK FREQUENCY
OFFSET ERROR vs CLOCK DUTY CYCLE
Figure 6.
Figure 7.
8
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - AMC1203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI1-AMC1203 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1203 TI-AMC1203 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203B TI1-AMC1203B Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1203BDUB TI-AMC1203BDUB Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com