Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA519EDJ-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIA519EDJ-T1-GE3
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA519EDJ-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIA519EDJ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
SiA519EDJ
New Product
Document Number: 65176
S09-2685-Rev. B, 14-Dec-09
www.vishay.com
1
N- and P-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
Typical ESD Protection: N-Channel 2000 V
P-Channel 1900 V
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable
Devices
DC/DC Converters
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A) Qg (Typ.)
N-Channel
20
0.040 at VGS = 4.5 V
4.5a
3.7 nC
0.065 at VGS = 2.5 V
4.5a
P-Channel
- 20
0.090 at VGS = - 4.5 V
- 4.5a
5.3 nC
0.137 at VGS = - 2.5 V
- 4.5a
Ordering Information: SiA519EDJ-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
X X X
E G X
Lot Traceability
and Date code
Part # code
S1
D1
G2
S2
G1
D2
1
6
5
4
2
3
2.05 mm
2.05 mm
PowerPAK® SC-70-6 Dual
D1
D2
P-Channel MOSFET
N-Channel MOSFET
D2
S2
G2
S1
D1
G1
Notes:
a. Package Limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.5a
- 4.5a
A
TC = 70 °C
4.5a
- 4.5a
TA = 25 °C
4.5a, b, c
- 3.7b, c
TA = 70 °C
4.4b, c
- 3b, c
Pulsed Drain Current
IDM
15
- 15
Source Drain Current Diode Current
TC = 25 °C
IS
4.5a
- 4.5a
TA = 25 °C
1.6b, c
- 1.6b, c
Maximum Power Dissipation
TC = 25 °C
PD
7.8
7.8
W
TC = 70 °C
55
TA = 25 °C
1.9b, c
1.9b, c
TA = 70 °C
1.2b, c
1.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
52
65
52
65
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
12.5
16
12.5
16


Similar Part No. - SIA519EDJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA519EDJ VISHAY-SIA519EDJ Datasheet
320Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SIA519EDJ VISHAY-SIA519EDJ_V01 Datasheet
320Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA519EDJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com