Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9731DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9731DQ
Description  uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9731DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9731DQ Datasheet HTML 1Page - Vishay Siliconix SI9731DQ Datasheet HTML 2Page - Vishay Siliconix SI9731DQ Datasheet HTML 3Page - Vishay Siliconix SI9731DQ Datasheet HTML 4Page - Vishay Siliconix SI9731DQ Datasheet HTML 5Page - Vishay Siliconix SI9731DQ Datasheet HTML 6Page - Vishay Siliconix SI9731DQ Datasheet HTML 7Page - Vishay Siliconix SI9731DQ Datasheet HTML 8Page - Vishay Siliconix SI9731DQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si9731
Document Number: 71321
S09-2249-Rev. C, 26-Oct-09
www.vishay.com
1
µP Controlled Battery Charger
for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
FEATURES
Pulse charges 1-cell Li-ion or 1-cell to 3-cell
NiCd/NiMH batteries
Integrated MOSFETs with bi-directional
reverse current blocking in "OFF" mode
PWM controlled fast charging mode
Low current trickle charge mode
Pin selectable 4.1 V or 4.2 V charge termination for Li-ion
Constant voltage (CV) termination for Li-ion
Input over-voltage detector with automatic shutdown
External shutdown
Under 1 µA reverse battery leakage current in shutdown
Complete isolation from battery to external power supply
in shutdown
Thermal shutdown
Minimum number of external components
ESD protection to 4 kV on charger input and battery
output
TSSOP-16 package (1.2 mm maximum height)
Halogen-free according to IEC 61249-2-21 definition
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
Cellular phone battery charger
Personal digital assistants
DESCRIPTION
Si9731 is a chemistry independent battery charger designed
to pulse charge 1-cell to 3-cell NiCd/NiMH or 1-cell Li-ion
batteries. Battery charging is accomplished under direct
control from the system processor. An internal low RDS(on)
MOSFET can be pulsed on and off at varying duty cycle by
the system processor to pulse charge the battery at high
charge current while minimizing heat dissipation. Provision is
also made to trickle charge a discharged battery until the
battery is charged to a high enough voltage to wake up the
processor so that the processor can take control of the
charging process. For charging Li-ion batteries, Si9731
includes a precision voltage reference and an error amplifier
for constant voltage (CV) charge mode. The Si9731 is
available in lead (Pb)-free TSSOP-16 package and is
classified over the industrial temperature range (- 40 °C to
+ 85 °C).
FUNCTIONAL BLOCK DIAGRAM
B
a
t
t
e
r
y
VBAT
ON/OFF
VCHARGER
TRICKLECHARGEENABLE
Trickle
Charge
Fast
Charge
4.1/4.2 V_TAP
FAST CHARGE
Charge Control
CVMODE
GND


Similar Part No. - SI9731DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9731DQ VISHAY-SI9731DQ Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
More results

Similar Description - SI9731DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
   2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
Shanghai Consonance Ele...
CN3763 CONSONANCE-CN3763 Datasheet
211Kb / 11P
   Standalone 3-Cell Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com