Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9140DQ-T1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI9140DQ-T1
Description  MP Controller For High Performance Process Power Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9140DQ-T1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI9140DQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 5Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 6Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 7Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 8Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 9Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 10Page - Vishay Siliconix SI9140DQ-T1 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Si9140
Vishay Siliconix
Document Number: 70026
S-40699—Rev. H, 19-Apr-04
www.vishay.com
7
PIN DESCRIPTION
Pin 1: VDD
The positive power supply for all functional blocks except
output driver. A bypass capacitor of 0.1 mF (minimum) is
recommended.
Pin 2: MON
Non-inverting input of a comparator. Inverting input is tied
internally to reference voltage. This comparator is typically
used to monitor the output voltage and to flag the processor
when the output voltage falls out of regulation.
Pin 3: VGOOD
This is an open drain output. It will be held at ground when the
voltage at MON (Pin 2) is less than the internal reference. An
external pull-up resistor will pull this pin high if the MON pin (Pin
2) is higher than the VREF. (Refer to Pin 2 description.)
Pin 4: COMP
This pin is the output of the error amplifier. A compensation
network is connected from this pin to the FB pin to stabilize the
system. This pin drives one input of the internal pulse width
modulation comparator.
Pin 5: FB
The inverting input of the error amplifier. An external resistor
divider is connected to this pin to set the regulated output
voltage. The compensation network is also connected to this
pin.
Pin 6: NI
The non-inverting input of the error amplifier. In normal
operation it is externally connected to VREF or an external
reference.
Pin 7: VREF
This pin supplies a 1.5-V reference.
Pin 8: GND (Ground)
Pin 9: ENABLE
A logic high on this pin allows normal operation. A logic low
places the chip in the standby mode. In standby mode normal
operation is disabled, supply current is reduced, the oscillator
stops and DS goes high while DR goes low.
Pin 10: ROSC
A resistor connected from this pin to ground sets the
oscillator’s capacitor COSC, charge and discharge current.
See the oscillator section of the description of operation.
Pin 11: COSC
An external capacitor is connected to this pin to set the
oscillator frequency.
fOSC ]
0.75
ROSC
COSC
(at VDD = 5.0 V)
Pin 12: UVLOSET
This pin will place the chip in the standby mode if the UVLOSET
voltage drops below 1.2 V. Once the UVLOSET voltage
exceeds 1.2 V, the chip operates normally. There is a built-in
hysteresis of 165 mV.
Pin 13: PGND
The negative return for the VS supply.
Pin 14: DS
This CMOS push-pull output pin drives the external p-channel
MOSFET. This pin will be high in the standby mode. A
break-before-make function between DS and DR is built-in.
Pin 15: DR
This CMOS push-pull output pin drives the external n-channel
MOSFET. This pin will be low in the standby mode. A
break-before-make function between the DS and DR is built-in.
Pin 16: VS
The positive terminal of the power supply which powers the
CMOS output drivers. A bypass capacitor is required.


Similar Part No. - SI9140DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140DQ VISHAY-SI9140DQ Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
More results

Similar Description - SI9140DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
SI9140 VISHAY-SI9140 Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910_V01 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
ON Semiconductor
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com