Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9135LG-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9135LG-T1-E3
Description  SMBus Multi-Output Power-Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9135LG-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9135LG-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9135LG-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Document Number: 70817
S11-0975-Rev. D, 16-May-11
www.vishay.com
5
Vishay Siliconix
Si9135
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C unless otherwise noted)
Efficiency vs. 3.3 V Output Current
0.001
50
0.1
80
100
60
70
110
0.01
Current (A)
90
Frequency = 200 kHz
VIN = 6 V
15 V
30 V
5 V On, 12 V Off
Efficiency vs. 5.0 V Output Current
0.001
50
0.1
80
100
60
70
110
0.01
Current (A)
90
Frequency = 200 kHz
VIN = 6 V
15 V
30 V
3.3 V Off, 12 V Off
Efficiency vs. 12 V Output Current
0.001
55
0.1
65
85
60
70
1
0.01
Current (A)
75
80
Frequency = 200 kHz
6 V
30 V
VIN = 15 V
5 V On, 3.3 V Off


Similar Part No. - SI9135LG-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9135LG VISHAY-SI9135LG Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
More results

Similar Description - SI9135LG-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9139 VISHAY-SI9139 Datasheet
162Kb / 17P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. A, 16-Dec-02
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
Vishay Siliconix
SI9137 VISHAY-SI9137 Datasheet
156Kb / 14P
   Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Rev. B, 13-May-02
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com