Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9130 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9130
Description  Pin-Programmable Dual Controller - Portable PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9130_11 Datasheet HTML 1Page - Vishay Siliconix SI9130_11 Datasheet HTML 2Page - Vishay Siliconix SI9130_11 Datasheet HTML 3Page - Vishay Siliconix SI9130_11 Datasheet HTML 4Page - Vishay Siliconix SI9130_11 Datasheet HTML 5Page - Vishay Siliconix SI9130_11 Datasheet HTML 6Page - Vishay Siliconix SI9130_11 Datasheet HTML 7Page - Vishay Siliconix SI9130_11 Datasheet HTML 8Page - Vishay Siliconix SI9130_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 70190
S11-0975-Rev. G, 16-May-11
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 9.52 mW/°C above 70 °C.
Exposure to Absolute Maximum rating conditions for extended periods may affect device reliability. Stresses above Absolute Maximum rating may cause permanent
damage. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any
one time.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to GND
- 0.3 to 36
V
PGND to GND
± 2
VL to GND
- 0.3 to 7
BST3, BST5 to GND
- 0.3 to 36
LX3 to BST3
- 7 to 0.3
LX5 to BST5
- 7 to 0.3
Inputs/Outputs to GND (3.45 ADJ, 3.6 ADJ, SHDN, ON5, REF, SS5, CS5, FB5,
SYNC, CS3, FB3, SS3, ON3)
- 0.3, (VL + 0.3)
DL3, DL5 to PGND
- 0.3, (VL + 0.3)
DH3 to LX3
- 0.3 (BST3 + 0.3)
DH5 to LX5
- 0.3 (BST5 + 0.3)
REF, VL Short to GND
Momentary
REF Current
20
mA
VL Current
50
Continuous Power Dissipation (TA = 70 °C)
a
28-Pin SSOPb
762
mW
Operating Temperature Range:
Si9130CG
0 to 70
°C
Si9130LG
- 10 to 90
Lead Temperature (soldering, 10 sec)
300
SPECIFICATIONS
Parameter
Specific Test Conditions
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
Limits
Unit
Min.a
Typ.b
Max.a
3.3 V and 5 V Step-Down Controllers
Input Supply Range
5.5
30
V
FB5 Output Voltage
0 mV < (CS5 - FB5) < 70 mV, 6 V < V + < 30 V
(includes load and line regulation)
4.80
5.08
5.20
FB3 Output Voltage
0 mV < (CS3 - FB3) < 70 mV
6 V < V + < 30 V
(includes load and line regulation)
3.6 ADJ = 3.45 ADJ = OPEN
3.17
3.35
3.46
3.6 ADJ = OPEN
3.45 ADJ = GND
3.32
3.50
3.60
3.6 ADJ = GND
3.45 ADJ = OPEN
3.46
3.65
3.75
Load Regulation
Either Controller (CS_ to FB_ = 0 to 70 mV)
2.5
%
Line Regulation
Either Controller (V+ = 6 to 30)
0.03
%/V
Current-Limit Voltage
CS3 - FB3 or CS5 - FB5
80
100
120
mV
SS3/SS5 Source Current
2.5
4.0
6.5
µA
SS3/SS5 Fault Sink Current
2mA
Internal Regulator and Reference
VL Output Voltage
ON5 = ON3 = 0, 5.5 < V+ < 30
0 mA < IL < 25 mA
4.5
5.5
V
VL Fault Lockout Voltage
Falling Edge, Hysteresis = 1 %
3.6
4.2


Similar Part No. - SI9130_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
SI9130LG VISHAY-SI9130LG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130LG-T1 VISHAY-SI9130LG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Similar Description - SI9130_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com