Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9122E Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI9122E
Description  500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9122E Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI9122E Datasheet HTML 4Page - Vishay Siliconix SI9122E Datasheet HTML 5Page - Vishay Siliconix SI9122E Datasheet HTML 6Page - Vishay Siliconix SI9122E Datasheet HTML 7Page - Vishay Siliconix SI9122E Datasheet HTML 8Page - Vishay Siliconix SI9122E Datasheet HTML 9Page - Vishay Siliconix SI9122E Datasheet HTML 10Page - Vishay Siliconix SI9122E Datasheet HTML 11Page - Vishay Siliconix SI9122E Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.vishay.com
8
Document Number: 73866
S-80112-Rev. D, 21-Jan-08
Vishay Siliconix
Si9122E
DETAILED OPTION
Start-Up
When VINEXT rises above 0 V, the internal pre-regulator
begins to charge up the VCC capacitor. Current into the
external VCC capacitor is limited to typically 40 mA by the
internal DMOS device. When VCC exceeds the UVLO
voltage of 8.8 V a soft-start cycle of the switch mode supply
is initiated. The VCC supply continues to be charged by the
pre-regulator until VCC equals VREG. During this period,
between VUVLO and VREG, excessive load current will result
in VCC falling below VUVLO and stopping switch mode
operation. This situation is avoided by the hysteresis
between VREG and VUVLO and correct sizing of the VCC
capacitor, bootstrap capacitor and the soft-start capacitor.
The value of the VCC capacitor should therefore be chosen
to be capable of maintaining switch mode operation until the
required VCC current can be supplied from the external circuit
(e.g via a power transformer winding and zener regulator).
Feedback from the output of the switch mode supply charges
VCC above VREG and fully disconnects the pre-regulator,
isolating VCC from VIN. VCC is then maintained above VREG
for the duration of switch mode operation. In the event of an
over voltage condition on VCC, an internal voltage clamp
turns on at 14.5 V to shunt excessive current to GND.
Care needs to be taken if there is a delay prior to the external
circuit feeding back to the VCC supply. To prevent excessive
power dissipation within the IC it is advisable to use an
external PNP device. A pin has been incorporated on the IC,
(REG_COMP) to provide compensation when employing the
external device. In this case the VIN pin is connected to the
base of the PNP device and controls the current, while the
REG_COMP pin determines the frequency compensation of
the circuit. The value of the REG_COMP capacitor cannot be
too big, otherwise it will slow down the response of the
pre-regulator in the case that fault situations occur and
pre-regulator needs to be turned on again. To understand
the operation, please refer to figure 5.
Figure 4. Detailed Si9122E Block Diagram
Timer
+
132 k
EP
+
Bandgap
Reference
3.3 V
OSC
Loop
Control
135 °C Temp
Protection
High Voltage
Interface
VSD VUV VUVLO
Logic
Clock
OTP
VREF
VINDET
+
ROSC
Oscillator
Clock
60 k
VREF/2
PWM
Generator
+
+
VUV
VSD
VREF
550 mV
Logic
DH
BST
LX
High-Side
Primary
Driver
DL
SRH
SRL
PGND
Low-Side
Primary
Driver
Synchronous
Driver
(High)
Synchronous
Driver
(Low)
BBM
Current
Control
Gain
100 mV
CS2
CS1
Blanking
CL_CONT
VCC
20 µA
Soft-Start
SS Enable
SS
Si9122E
8 V
+
+
VREG
9.1 V
VCC
VIN
Pre-Regulator
VUVLO
8.8 V
9.1 V
VCC
VCC
VCC
GND
Voltage
Feedforward
Frequency
Foldback
CL_CONT
12 V


Similar Part No. - SI9122E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122E VISHAY-SI9122E Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
More results

Similar Description - SI9122E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A_08 Datasheet
352Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 14-Jan-08
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122 VISHAY-SI9122_V01 Datasheet
322Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122_08 Datasheet
330Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. J, 14-Jan-08
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
SI9123 VISHAY-SI9123 Datasheet
181Kb / 16P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
SI9124 VISHAY-SI9124 Datasheet
172Kb / 16P
   500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com