Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9111DY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9111DY-T1
Description  High-Voltage Switchmode Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9111DY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9111DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 8Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 70004
S11-0975-Rev. I, 16-May-11
Vishay Siliconix
Si9110, Si9111
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 6 mW/°C above 25 °C.
c. Derate 7.2 mW/°C above 25 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced to - VIN (Note: VCC < + VIN + 0.3 V)
VCC
15
V
+VIN
120
Logic Inputs (RESET, SHUTDOWN, OSC IN, OSC OUT)
- 0.3 to VCC + 0.3
Linear Inputs (FEEDBACK, SENSE, BIAS, VREF)
- 0.3 to VCC + 0.3
HV Pre-Regulator Input Current (continuous)
5
mA
Storage Temperature
- 65 to 150
°C
Operating Temperature
- 40 to 85
Junction Temperature (TJ)
150
Power Dissipation (Package)a
14-Pin Plastic DIP (J Suffix)b
750
mW
14-Pin SOIC (Y Suffix)c
900
Thermal Impedance (
JA)
14-Pin Plastic DIP
167
°C/W
14-Pin SOIC
140
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Voltages Referenced to - VIN
VCC
9.5 to 13.5
V
+ VIN
10 to 120
fOSC
40 kHz
to 1 MHz
ROSC
25 k
to 1 M
Linear Inputs
0 to VCC - 3
V
Digital Inputs
0 to VCC
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
DISCHARGE = - VIN = 0 V
VCC = 10 V, + VIN = 48 V
RBIAS = 390 k, ROSC = 330 k
D Suffix
- 40 °C to 85 °C
Unit
Temp.b
Min.d
Typ.c
Max.d
Reference
Output Voltage
VR
OSC IN = - VIN
(OSC Disabled)
RL = 10 M
Si9110
Room
3.92
4.0
4.08
V
Si9111
Room
3.60
4.0
4.40
Si9110
Full
3.86
4.14
Si9111
Full
3.52
4.46
Output Impedancee
ZOUT
Room
15
30
45
k
Short Circuit Current
ISREF
VREF = - VIN
Room
70
100
130
µA
Temperature Stabilitye
TREF
Full
0.5
1.0
mV/°C
Oscillator
Maximum Frequencye
fMAX
ROSC = 0
Room
1
3
MHz
Initial Accuracy
fOSC
ROSC = 330 k, See Note f
Room
80
100
120
kHz
ROSC = 150 k, See Note f
Room
160
200
240
Voltage Stability
f/f
f/f = f(13.5 V) - f(9.5 V)/f(9.5 V)
Room
10
15
%
Temperature Coefficiente
TOSC
Full
200
500
ppm/°C


Similar Part No. - SI9111DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9111DY-T1 VISHAY-SI9111DY-T1 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9111DY-T1-E3 VISHAY-SI9111DY-T1-E3 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
More results

Similar Description - SI9111DY-T1

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com