Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9118DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9118DY
Description  Programmable Duty Cycle Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9118DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9118DY Datasheet HTML 1Page - Vishay Siliconix SI9118DY Datasheet HTML 2Page - Vishay Siliconix SI9118DY Datasheet HTML 3Page - Vishay Siliconix SI9118DY Datasheet HTML 4Page - Vishay Siliconix SI9118DY Datasheet HTML 5Page - Vishay Siliconix SI9118DY Datasheet HTML 6Page - Vishay Siliconix SI9118DY Datasheet HTML 7Page - Vishay Siliconix SI9118DY Datasheet HTML 8Page - Vishay Siliconix SI9118DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 70815
S11-0975–Rev. E, 16-May-11
www.vishay.com
3
Vishay Siliconix
Si9118, Si9119
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
- VIN = 0 V, VCC = 10 V
Limits
D Suffix - 40 to 85 °C
Unit
Temp.a
Min.
Typ.b
Max.
Oscillator
Initial Accuracyd
fOSC
ROSC = 374 k COSC = 200 pF
90
100
110
kHz
fOSC
c
ROSC = 70 k COSC = 200 pF
450
500
550
Voltage Stabilityc
f/f
ROSC = 70 k COSC = 200 pF
f/f = [f(16.5 V) - f(9.5 V)] / f(9.5 V)
12
%
Temperature Coefficientc
OSC TC
- 40
 T
A 85 °C, fOSC = 100 kHz
200
500
ppm/°C
Sync High Pulse Width (Si9119)
200
ns
Sync Low Pulse Width (Si9119)
200
Sync Rise/Fall Time (Si9119)
200
Sync Logic Low (Si9119)
VIL
0.8
V
Sync Logic High (Si9119)
VIH
4
Sync Rangec (Si9119)
fEXT
1.05 x fOSC
kHz
PWM/PSM
PWM/PSM Logic High
VIH
4
V
PWM/PSM Logic Low
VIL
0.8
DMAX
Accuracy
fOSC = 100 kHz with 1 % Resistor
± 10
%
Error Amplifier (OSC Disabled)
Input BIAS Current
IFB
VFB = 5 V, NI = VREF
< 1.0
± 200
nA
Input OFFSET Voltage
VOS2
± 5
± 25
mV
Open Loop Voltage Gainc
AVOL
65
80
dB
Unity Gain Bandwidthc
BW
1.8
2.7
MHz
Output Current
IOUT
Source (VFB = 3.5 V, NI = VREF)
- 1.0
- 2.7
mA
Sink (VFB = 4.5 V, NI = VREF)
1.0
2.4
Power Supply Rejection
PSRR
10 V
V
CC  16.5 V
50
80
dB
Pre-Regulator/Start-up
Input Voltagec
+VIN
IIN = 10 µA
Room
200
V
Input Leakage Current
+IIN
VCC 10 V
Room
10
µA
Pre-Regulator Start-Up Current
ISTART
Pulse Width
300 µs, V
CC = VULVO
Room
8
15
mA
VCC Pre-Regulator Turn-Off
Threshold Voltage
VREG
IPRE_REGULATOR = 15 µA
Room
8.7
9.3
9.8
V
Undervoltage Lockout
VUVLO
Room
8.0
8.6
9.3
VREG - VUVLO
VDELTA
Room
0.3
0.7
Supply
Supply Current
ICC
CLOAD 50 pF, fOSC = 100 kHZ
1.9
3.0
mA
SPECIFICATIONS


Similar Part No. - SI9118DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9118DY VISHAY-SI9118DY Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
More results

Similar Description - SI9118DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC29900 TI1-UCC29900 Datasheet
861Kb / 24P
[Old version datasheet]   Integral Cycle Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com