Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9110 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9110
Description  High-Voltage Switchmode Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9110 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9110 Datasheet HTML 1Page - Vishay Siliconix SI9110 Datasheet HTML 2Page - Vishay Siliconix SI9110 Datasheet HTML 3Page - Vishay Siliconix SI9110 Datasheet HTML 4Page - Vishay Siliconix SI9110 Datasheet HTML 5Page - Vishay Siliconix SI9110 Datasheet HTML 6Page - Vishay Siliconix SI9110 Datasheet HTML 7Page - Vishay Siliconix SI9110 Datasheet HTML 8Page - Vishay Siliconix SI9110 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si9110, Si9111
Document Number: 70004
S11-0975-Rev. I, 16-May-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High-Voltage Switchmode Controllers
FEATURES
10 V to 120 V Input Range
Current-Mode Control
High-Speed, Source-Sink Output Drive
High Efficiency Operation (> 80 %)
Internal Start-Up Circuit
Internal Oscillator (1 MHz)
SHUTDOWN and RESET
Reference Selection
Si9110 - ± 1 %
Si9111 - ± 10 %
DESCRIPTION
The
Si9110/9111
are
BiC/DMOS
integrated
circuits
designed
for
use
as
high-performance
switchmode
controllers. A high-voltage DMOS input allows the controller
to work over a wide range of input voltages (10 to 120 VDC).
Current-mode PWM control circuitry is implemented in
CMOS to reduce internal power consumption to less than
10 mW.
A push-pull output driver provides high-speed switching for
MOSPOWER devices large enough to supply 50 W of output
power. When combined with an output MOSFET and
transformer, the Si9110/9111 can be used to implement
single-ended power converter topologies (i.e., flyback,
forward, and cuk).
The Si9110/9111 are available in both standard and lead
(Pb)-free 14-pin plastic DIP and SOIC packages which are
specified to operate over the industrial temperature range of
- 40 °C to 85 °C.
FUNCTIONAL BLOCK DIAGRAM
+
-
+
+
-
+
-
+
-
FB
COMP
DISCHARGE
OSC
14
13
9
8
7
2 V
Ref
Gen
R
S
Q
R
S
Q
SENSE
3
5
4
11
12
Current-Mode
Comparator
C/L
1.2 V
Undervoltage
RESET
8.1 V
8.6 V
BIAS
Current
Sources
To
Internal
Circuits
10
1
6
2
Comparator
Error
Amplifier
VREF
VCC
+VIN
VCC
SHUTDOWN
4 V
OSC
OUT
OSC
IN
- VIN
Pre-Regulator/Start-Up
OUTPUT
To
VCC
Comparator
Clock (1/2 fOSC)
-


Similar Part No. - SI9110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110/9111 VISHAY-SI9110/9111 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110DJ VISHAY-SI9110DJ Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110DJ-E3 VISHAY-SI9110DJ-E3 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110DY VISHAY-SI9110DY Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
More results

Similar Description - SI9110

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com