Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-B570 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-B570
Description  Silicon Variable Capacitance Diode (For tuning of extended frequency bands in VHF TV/VTR tuners)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-B570 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-B570 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-B570 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BB 619
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Diode capacitance CT = f (VR)
f = 1 MHz
Parameter
Symbol
min.
typ.
Unit
Values
max.
Reverse current
VR = 30 V
VR = 30 V, TA = 85 ˚C
IR
nA
10
200
Diode capacitance, f = 1 MHz
VR = 1 V
VR = 28 V
CT
pF
36
2.4
38.7
2.6
42
2.9
Capacitance matching
VR = 1 V … 28 V; f = 1 MHz
CT
CT
%
2.5
Capacitance ratio
VR = 1 V, 28 V; f = 1 MHz
CT1
CT28
13.5
14.9
Series inductance
Ls
nH
–2–
Series resistance
CT = 12 pF, f = 100 MHz
rs
0.6


Similar Part No. - Q62702-B570

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-B577 SIEMENS-Q62702-B577 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For VHF tuned circuit applications High figure of merit)
More results

Similar Description - Q62702-B570

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB639 SIEMENS-BB639 Datasheet
30Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency bands in VHF TV/VTR tuners)
BB619C SIEMENS-BB619C Datasheet
21Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV/ VTR tuners)
BB639C SIEMENS-BB639C Datasheet
40Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV / VTR tuners)
BB620 SIEMENS-BB620 Datasheet
30Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
BB640 SIEMENS-BB640 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
BB515 SIEMENS-BB515 Datasheet
24Kb / 2P
   Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance)
logo
Toshiba Semiconductor
1SV242 TOSHIBA-1SV242 Datasheet
121Kb / 2P
   VARIABLE CAPACITANCE DIODE (TV VHF WIDE BAND TUNING)
logo
Siemens Semiconductor G...
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
logo
Sony Corporation
1T379 SONY-1T379 Datasheet
47Kb / 4P
   Silicon Variable Capacitance Diode for Electronic Tuning of BS and CS Tuners
logo
Siemens Semiconductor G...
BB545 SIEMENS-BB545 Datasheet
21Kb / 3P
   Silicon Tuning Diode (For tuning UHF and VHF TV Tuners Large capacitance ratio, low series resistance)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com