Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7960DP-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI7960DP-T1-GE3
Description  Dual N-Channel 60-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7960DP-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7960DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 73075
S09-0223-Rev. B, 09-Feb-09
Vishay Siliconix
Si7960DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Threshold Voltage
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power
0
60
100
20
40
80
100
600
0.01
0.001
1
10
0.1
Time (s)
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA =25 °C
Single Pulse
0.1
IDM Limited
ID(on)
Limited
BVDSS Limited
10 s
DC
1 s
* VGS
minimum VGS at which RDS(on) is specified
>
10 ms
1 ms
100 µs
100 ms
Limited by RDS(on)*
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =60 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI7960DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7960DP VISHAY-SI7960DP Datasheet
348Kb / 13P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
SI7960DP VISHAY-SI7960DP_15 Datasheet
348Kb / 13P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Similar Description - SI7960DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com