Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-B0869 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-B0869
Description  Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-B0869 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-B0869 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-B0869 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-B0869 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-B0869 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BB 565
Semiconductor Group
Jul-13-1998
1
Silicon Variable Capacitance Diode
• For UHF-TV-tuners
• High capacitance ratio
• Low series inductance
• Low series resistance
• Extremely small plastic SMD package
• Excellent uniformity and matching due to
"in-line" matching assembly procedure
1
VES05991
2
Type
Marking Ordering Code
Pin Configuration Package
BB 565
BB 565
C
C
Q62702-B0869 unmatched
Q62702-B0873 in-line matched
1 = C
2 = A
SCD-80
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage (
R
≥ 5kΩ)
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
-55 ...+150
°C
Storage temperature
Tstg
-55 ...+150
Semiconductor Group
1
1998-11-01


Similar Part No. - Q62702-B0869

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-B0860 SIEMENS-Q62702-B0860 Datasheet
13Kb / 3P
   Silicon Tuning Diode (High Q hyperband tuning diode Low series inductance)
Q62702-B0862 SIEMENS-Q62702-B0862 Datasheet
12Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
Q62702-B0864 SIEMENS-Q62702-B0864 Datasheet
18Kb / 4P
   Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
More results

Similar Description - Q62702-B0869

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB659C SIEMENS-BB659C Datasheet
16Kb / 3P
   Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
BB535 SIEMENS-BB535 Datasheet
23Kb / 4P
   Silicon Variable Capacitance Diode (For UHF and TV/TR tuners Large capacitance ratio, low series resistance)
BB555 SIEMENS-BB555 Datasheet
18Kb / 4P
   Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
BB515 SIEMENS-BB515 Datasheet
24Kb / 2P
   Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance)
BB641 SIEMENS-BB641 Datasheet
44Kb / 3P
   Silicon Variable Capacitance Diode (For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance)
BB659 SIEMENS-BB659 Datasheet
16Kb / 3P
   Silicon Tuning Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB545 SIEMENS-BB545 Datasheet
21Kb / 3P
   Silicon Tuning Diode (For tuning UHF and VHF TV Tuners Large capacitance ratio, low series resistance)
BB689 SIEMENS-BB689 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com