Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7414DN-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7414DN-T1-E3
Description  N-Channel 60-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7414DN-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7414DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 71738
S-83043-Rev. D, 22-Dec-08
Vishay Siliconix
Si7414DN
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 8.7 A
0.021
0.025
Ω
VGS = 4.5 V, ID = 7.3 A
0.030
0.036
Forward Transconductancea
gfs
VDS = 15 V, ID = 8.7 A
18
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 8.7 A
16
25
nC
Gate-Source Charge
Qgs
2.7
Gate-Drain Charge
Qgd
4.4
Gate Resistance
Rg
1.0
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
15
25
ns
Rise Time
tr
12
20
Turn-Off DelayTime
td(off)
30
50
Fall Time
tf
12
20
Source-Drain Reverse Recovery
Time
trr
IF = 3.2 A, dI/dt = 100 A/µs
45
90
Output Characteristics
0
6
12
18
24
30
0
1234
5
VGS = 10 thru 5 V
3 V
VDS - Drain-to-Source Voltage (V)
4 V
Transfer Characteristics
0
5
10
15
20
25
30
0
1234
5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7414DN-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7414DN VISHAY-SI7414DN Datasheet
48Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 08-Oct-01
logo
Vishay Telefunken
SI7414DN TFUNK-SI7414DN Datasheet
525Kb / 11P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7414DN VISHAY-SI7414DN Datasheet
533Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
SI7414DN VISHAY-SI7414DN Datasheet
531Kb / 11P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7414DN VISHAY-SI7414DN_17 Datasheet
533Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
More results

Similar Description - SI7414DN-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com