Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7228DN-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7228DN-T1-GE3
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7228DN-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7228DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7228DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 64806
S09-0666-Rev. A, 20-Apr-09
www.vishay.com
3
Vishay Siliconix
Si7228DN
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =10 V thru 5 V
VGS =2 V
VGS =3 V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
0.010
0.015
0.020
0.025
0.030
0.035
0
5
10
15
20
25
30
35
VGS =10 V
VGS =4.5 V
ID - Drain Current (A)
0
2
4
6
8
10
0
246
8
10
ID = 8.8 A
VDS =24 V
VDS =15 V
VDS =10 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
200
400
600
800
0
5
10
15
20
25
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
ID = 8.8 A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)


Similar Part No. - SI7228DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI7228DN TFUNK-SI7228DN Datasheet
547Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7228DN VISHAY-SI7228DN Datasheet
555Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
08-Feb-17
SI7228DN VISHAY-SI7228DN_V01 Datasheet
555Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI7228DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com