Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-A771 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-A771
Description  Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A771 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-A771 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A771 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A771 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW 79 A
… BAW 79 D
Semiconductor Group
2
Electrical Characteristics per Diode
at TA = 25 ˚C, unless otherwise specified.
Test circuit for reverse recovery time
Pulse generator:
tp = 5 µs, D = 0.05
Oscillograph:
R = 50
tr = 0.6 ns, Rj = 50
tr = 0.35 ns
C
1pF
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
V
Breakdown voltage
I(BR) = 100
µA
BAW 79 A
BAW 79 B
BAW 79 C
BAW 79 D
V(BR)
50
100
200
400
µA
Reverse current
VR = VRmax
VR = VRmax, TA = 150 ˚C
IR
1
50
AC characteristics
µs
Reverse recovery time
IF = 200 mA, IR = 200 mA,
RL = 100
measured at IR = 20 mA
trr
–1–
V
Forward voltage1)
IF = 1 A
IF = 2 A
VF
1.6
2
pF
Diode capacitance
VR = 0 V, f = 1 MHz
CD
–10
1)
Pulse test: tp
300 µs, D = 2 %.


Similar Part No. - Q62702-A771

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A77 SIEMENS-Q62702-A77 Datasheet
102Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
Q62702-A772 SIEMENS-Q62702-A772 Datasheet
69Kb / 3P
   Silicon PIN Diodes
Q62702-A773 SIEMENS-Q62702-A773 Datasheet
69Kb / 3P
   Silicon PIN Diodes
Q62702-A774 SIEMENS-Q62702-A774 Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
Q62702-A775 SIEMENS-Q62702-A775 Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
More results

Similar Description - Q62702-A771

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW78A-BAW78D SIEMENS-BAW78A-BAW78D Datasheet
86Kb / 3P
   Silicon Switching Diodes (Switching applications High breakdown voltage)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Panasonic Semiconductor
2SC4026 PANASONIC-2SC4026 Datasheet
59Kb / 3P
   For high breakdown voltage high-speed switching
logo
Siemens Semiconductor G...
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
logo
Isahaya Electronics Cor...
RT3DKKM ISAHAYA-RT3DKKM Datasheet
333Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(CATHODE COMMON)
logo
ON Semiconductor
M1MA151WKT1 ONSEMI-M1MA151WKT1_12 Datasheet
97Kb / 4P
   Common Cathode Silicon Dual Switching Diodes
July, 2012 ??Rev. 11
M1MA151WKT1 ONSEMI-M1MA151WKT1 Datasheet
47Kb / 3P
   Common Cathode Silicon Dual Switching Diodes
March, 2006 ??Rev. 8
logo
Motorola, Inc
M1MA151WKT1 MOTOROLA-M1MA151WKT1 Datasheet
87Kb / 6P
   Common Cathode Silicon Dual Switching Diodes
logo
ON Semiconductor
M1MA151WK ONSEMI-M1MA151WK Datasheet
61Kb / 4P
   Common Cathode Silicon Dual Switching Diodes
May, 2015 ??Rev. 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com