Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5504BDC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI5504BDC
Description  N- and P-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5504BDC Datasheet(HTML) 3 Page - Vishay Siliconix

  SI5504BDC_10 Datasheet HTML 1Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 2Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 3Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 4Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 5Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 6Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 7Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 8Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 74483
S10-0547-Rev. B, 08-Mar-10
www.vishay.com
3
Vishay Siliconix
Si5504BDC
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 15 V, RL = 5.8 Ω
ID ≅ 2.6 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 15 V, RL = 7.5 Ω
ID ≅ - 2 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
15
25
ns
P-Ch
30
45
Rise Time
tr
N-Ch
80
120
P-Ch
60
90
Turn-Off Delay Time
td(off)
N-Ch
12
20
P-Ch
10
15
Fall Time
tf
N-Ch
25
40
P-Ch
10
15
Turn-On Delay Time
td(on)
N-Channel
VDD = 15 V, RL = 5.8 Ω
ID ≅ 2.6 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = - 15 V, RL = 7.5 Ω
ID ≅ - 2 A, VGEN = - 10 V, Rg = 1 Ω
N-Ch
4
8
P-Ch
4
8
Rise Time
tr
N-Ch
12
20
P-Ch
10
15
Turn-Off Delay Time
td(off)
N-Ch
10
15
P-Ch
10
15
Fall Time
tf
N-Ch
5
10
P-Ch
5
10
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
2.5
A
P-Ch
- 2.5
Pulse Diode Forward Currenta
ISM
N-Ch
10
P-Ch
- 10
Body Diode Voltage
VSD
IS = 2.6 A, VGS = 0 V
N-Ch
0.8
1.2
V
IS = - 2 A, VGS = 0 V
P-Ch
- 0.8
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 2.6 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 2 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
30
50
ns
P-Ch
20
40
Body Diode Reverse Recovery Charge
Qrr
N-Ch
20
40
nC
P-Ch
10
20
Reverse Recovery Fall Time
ta
N-Ch
23
ns
P-Ch
13
Reverse Recovery Rise Time
tb
N-Ch
7
P-Ch
7


Similar Part No. - SI5504BDC_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5504BDC-T1-E3 VISHAY-SI5504BDC-T1-E3 Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5504BDC VISHAY-SI5504BDC_V01 Datasheet
296Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5504BDC_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com