Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5456DU Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI5456DU
Description  N-Channel 20-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5456DU Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI5456DU Datasheet HTML 2Page - Vishay Siliconix SI5456DU Datasheet HTML 3Page - Vishay Siliconix SI5456DU Datasheet HTML 4Page - Vishay Siliconix SI5456DU Datasheet HTML 5Page - Vishay Siliconix SI5456DU Datasheet HTML 6Page - Vishay Siliconix SI5456DU Datasheet HTML 7Page - Vishay Siliconix SI5456DU Datasheet HTML 8Page - Vishay Siliconix SI5456DU Datasheet HTML 9Page - Vishay Siliconix SI5456DU Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
Document Number: 73203
2
19-Jul-10
Package Information
Vishay Siliconix
PowerPAK® ChipFET® DUAL PAD
Z
D
E
C
A
b
e
H
E2
L
A1
S2 (5)
D2 (6)
D1 (7)
D1 (8)
SI (1)
GI (2)
S2 (3)
G2 (4)
DETAIL Z
Backside view of dual pad
K
K1
G2 (4)
D1 (8) D1 (7)
D2 (6) D2 (5)
SI (1) GI (2)
S2 (3)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.85
0.028
0.030
0.033
A1
0
-
0.05
0
-
0.002
b
0.25
0.30
0.35
0.010
0.012
0.014
C
0.15
0.20
0.25
0.006
0.008
0.010
D
2.92
3.00
3.08
0.115
0.118
0.121
D2
1.07
1.20
1.32
0.042
0.047
0.052
E
1.82
1.90
1.98
0.072
0.075
0.078
E2
0.92
1.05
1.17
0.036
0.041
0.046
e
0.65 BSC
0.026 BSC
H
0.15
0.20
0.25
0.006
0.008
0.010
K
0.20
-
-
0.008
-
-
K1
0.20
-
-
0.008
-
-
L
0.30
0.35
0.40
0.012
0.014
0.016
ECN: C10-0618-Rev. C, 19-Jul-09
DWG: 5940


Similar Part No. - SI5456DU

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI545 SILABS-SI545 Datasheet
885Kb / 16P
   Ultra low jitter: 80 fs Typ RMS
logo
Skyworks Solutions Inc.
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
   Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
logo
Vishay Siliconix
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
SI5457DC-T1-GE3 VISHAY-SI5457DC-T1-GE3 Datasheet
266Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5457DC VISHAY-SI5457DC_V01 Datasheet
266Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5456DU

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com