Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5424DC-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI5424DC-T1-GE3
Description  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5424DC-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI5424DC-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI5424DC-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Package Information
Vishay Siliconix
Document Number: 71151
15-Jan-04
www.vishay.com
1
1206-8 ChipFETR
c
E
E1
e
D
A
65
7
8
34
2
1
4
L
567
8
432
1
4
S
b
2X 0.10/0.13 R
Backside View
x
NOTES:
1.
All dimensions are in millimeaters.
2.
Mold gate burrs shall not exceed 0.13 mm per side.
3.
Leadframe to molded body offset is horizontal and vertical shall not exceed
0.08 mm.
4.
Dimensions exclusive of mold gate burrs.
5.
No mold flash allowed on the top and bottom lead surface.
DETAIL X
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
1.00
1.10
0.039
0.043
b
0.25
0.30
0.35
0.010
0.012
0.014
c
0.1
0.15
0.20
0.004
0.006
0.008
c1
0
0.038
0
0.0015
D
2.95
3.05
3.10
0.116
0.120
0.122
E
1.825
1.90
1.975
0.072
0.075
0.078
E1
1.55
1.65
1.70
0.061
0.065
0.067
e
0.65 BSC
0.0256 BSC
L
0.28
0.42
0.011
0.017
S
0.55 BSC
0.022 BSC
5_Nom
5_Nom
ECN: C-03528—Rev. F, 19-Jan-04
DWG: 5547


Similar Part No. - SI5424DC-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5424DC-T1-E3 VISHAY-SI5424DC-T1-E3 Datasheet
111Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 29-Dec-08
More results

Similar Description - SI5424DC-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com