Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5424DC Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI5424DC
Description  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5424DC Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI5424DC Datasheet HTML 3Page - Vishay Siliconix SI5424DC Datasheet HTML 4Page - Vishay Siliconix SI5424DC Datasheet HTML 5Page - Vishay Siliconix SI5424DC Datasheet HTML 6Page - Vishay Siliconix SI5424DC Datasheet HTML 7Page - Vishay Siliconix SI5424DC Datasheet HTML 8Page - Vishay Siliconix SI5424DC Datasheet HTML 9Page - Vishay Siliconix SI5424DC Datasheet HTML 10Page - Vishay Siliconix SI5424DC Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AN811
Vishay Siliconix
Document Number: 71126
12-Dec-03
www.vishay.com
1
Single-Channel 1206-8 ChipFETr Power MOSFET Recommended
Pad Pattern and Thermal Performance
INTRODUCTION
New Vishay Siliconix ChipFETs in the leadless 1206-8
package feature the same outline as popular 1206-8 resistors
and capacitors but provide all the performance of true power
semiconductor devices. The 1206-8 ChipFET has the same
footprint as the body of the LITTLE FOOTR TSOP-6, and can
be thought of as a leadless TSOP-6 for purposes of visualizing
board area, but its thermal performance bears comparison
with the much larger SO-8.
This technical note discusses the single-channel ChipFET
1206-8 pin-out, package outline, pad patterns, evaluation
board layout, and thermal performance.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1 identification
for the single-channel 1206-8 ChipFET device. The pin-out is
similar to the TSOP-6 configuration, with two additional drain
pins to enhance power dissipation and thermal performance.
The legs of the device are very short, again helping to reduce
the thermal path to the external heatsink/pcb and allowing a
larger die to be fitted in the device if necessary.
Single 1206-8 ChipFET
D
D
D
G
D
D
D
S
1
Bottom View
FIGURE 1.
For package dimensions see the 1206-8 ChipFET package
outline drawing (http://www.vishay.com/doc?71151).
BASIC PAD PATTERNS
The basic pad layout with dimensions is shown in Application
Note 826, Recommended Minimum Pad Patterns With Outline
Drawing
Access
for
Vishay Siliconix
MOSFETs,
(http://www.vishay.com/doc?72286). This is sufficient for low
power dissipation MOSFET applications, but power
semiconductor performance requires a greater copper pad
area, particularly for the drain leads.
FIGURE 2. Footprint With Copper Spreading
80 mil
68 mil
28 mil
26 mil
The pad pattern with copper spreading shown in Figure 2
improves the thermal area of the drain connections (pins
1,2,3,6.7,8) while remaining within the confines of the basic
footprint. The drain copper area is 0.0054 sq. in. or
3.51 sq. mm). This will assist the power dissipation path away
from the device (through the copper leadframe) and into the
board and exterior chassis (if applicable) for the single device.
The addition of a further copper area and/or the addition of vias
to other board layers will enhance the performance still further.
An example of this method is implemented on the
Vishay Siliconix Evaluation Board described in the next
section (Figure 3).
THE VISHAY SILICONIX EVALUATION
BOARD FOR THE SINGLE 1206-8
The ChipFET 1206-08 evaluation board measures 0.6 in by
0.5 in. Its copper pad pattern consists of an increased pad area
around the six drain leads on the top-side—approximately
0.0482 sq. in. 31.1 sq. mm—and vias added through to the
underside of the board, again with a maximized copper pad
area of approximately the board-size dimensions. The outer
package outline is for the 8-pin DIP, which will allow test
sockets to be used to assist in testing.
The thermal performance of the 1206-8 on this board has been
measured with the results following on the next page. The
testing included comparison with the minimum recommended
footprint on the evaluation board-size pcb and the industry
standard one-inch square FR4 pcb with copper on both sides
of the board.


Similar Part No. - SI5424DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5424DC VISHAY-SI5424DC Datasheet
111Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 29-Dec-08
logo
Vishay Telefunken
SI5424DC TFUNK-SI5424DC Datasheet
236Kb / 11P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI5424DC-T1-E3 VISHAY-SI5424DC-T1-E3 Datasheet
111Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI5424DC VISHAY-SI5424DC_V01 Datasheet
239Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5424DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com