Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5402BDC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5402BDC
Description  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5402BDC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5402BDC Datasheet HTML 1Page - Vishay Siliconix SI5402BDC Datasheet HTML 2Page - Vishay Siliconix SI5402BDC Datasheet HTML 3Page - Vishay Siliconix SI5402BDC Datasheet HTML 4Page - Vishay Siliconix SI5402BDC Datasheet HTML 5Page - Vishay Siliconix SI5402BDC Datasheet HTML 6Page - Vishay Siliconix SI5402BDC Datasheet HTML 7Page - Vishay Siliconix SI5402BDC Datasheet HTML 8Page - Vishay Siliconix SI5402BDC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 73051
S-83054-Rev. B, 29-Dec-08
Vishay Siliconix
Si5402BDC
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS TJ = 25 °C, unless otherwise noted
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 85 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 4.9 A
0.029
0.035
Ω
VGS = 4.5 V, ID = 4.4 A
0.035
0.042
Forward Transconductancea
gfs
VDS = 10 V, ID = 4.9 A
19
S
Diode Forward Voltagea
VSD
IS = 1.1 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 4.9 A
10
20
nC
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
1.6
Gate Resistance
Rg
f = 1 MHz
14
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
10
15
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
27
40
Fall Time
tf
10
15
Source-Drain Reverse Recovery Time
trr
IF = 1.1 A, dI/dt = 100 A/µs
20
60
Output Characteristics
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI5402BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
SI5402BDC VISHAY-SI5402BDC Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
SI5402BDC-T1-E3 VISHAY-SI5402BDC-T1-E3 Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
SI5402BDC VISHAY-SI5402BDC_08 Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
More results

Similar Description - SI5402BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com