Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4916DY-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4916DY-T1-GE3
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4916DY-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4916DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 74331
S09-0540-Rev. B, 06-Apr-09
www.vishay.com
3
Vishay Siliconix
Si4916DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
Channel-2
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
Ch-1
8
15
ns
Ch-2
9
15
Rise Time
tr
Ch-1
11
18
Ch-2
13
20
Turn-Off Delay Time
td(off)
Ch-1
21
32
Ch-2
27
40
Fall Time
tf
Ch-1
6
10
Ch-2
9
15
Source-Drain Reverse Recovery Time
trr
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
28
40
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
24
35
Body Diode Reverse Recovery Charge
Qrr
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
17
nC
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
12
Reverse Recovery Fall Time
ta
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
12
ns
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
11
Reverse Recovery Rise Time
tb
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
16
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
13
SCHOTTKY SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
IF = 1.0 A, TJ = 125 °C
0.36
0.42
Maximum Reverse Leakage Current
Irm
VR = 30 V
0.004
0.100
mA
VR = 30 V, TJ = 100 °C
0.7
10
VR = - 30 V, TJ = 125 °C
3.0
20
Junction Capacitance
CT
VR = 10 V
50
pF


Similar Part No. - SI4916DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4916DY TFUNK-SI4916DY Datasheet
263Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4916DY VISHAY-SI4916DY Datasheet
196Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4916DY VISHAY-SI4916DY_V01 Datasheet
196Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Similar Description - SI4916DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com