Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8382JTF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8382JTF
Description  ARINC 429 Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8382JTF Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8382JTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8382JTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADDITIONAL PIN CONFIGURATIONS
(See page 1 for the 16-pin Ceramic Side-Brazed DIP Package )
(1) NOT RECOMMENDED FOR NEW DESIGNS. The newer HI-3182PJxx and HI-3183PJxx are drop-in replacements for the
older HI-8382Jxx and HI-8383Jxx respectively.
HI -
(Plastic)
838xJ x x
4
3
2
1 28 27 6
2
12 13 14 15 16 17 18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
CLOCK
N/C
DATA (B)
C
N/C
N/C
N/C
B
N/C
DATA (A)
N/C
N/C
C
N/C
N/C
A
HI-8382J
HI-8382JT
28-PIN PLASTIC PLCC
4
3
2
1 28 27 26
12 13 14 15 16 17 18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
CLOCK
N/C
DATA (B)
C
N/C
N/C
N/C
B
N/C
DATA (A)
N/C
N/C
C
N/C
N/C
A
HI-8382S
HI-8382ST
28-PIN CERAMIC LCC
5
678 9 10 11 12 13
30
31
32
1
2
3
4
20
19
18
17
16
15
14
N/C
N/C
+V
GND
N/C
-V
N/C
CLOCK
V
N/C
V
SYNC
N/C
1
REF
STROBE
HI-8382U
HI-8382UT
29 28 27 26 25 24 23 22 21
32-PIN J-LEAD CERQUAD
37.5 Ohms
Yes
13 Ohms
No
PACKAGE
DESCRIPTION
28 PIN PLASTIC PLCC (28J) (1)
28 PIN PLASTIC PLCC (28J) (1)
PART
NUMBER
8382J
OUTPUT SERIES
RESISTANCE
FUSE
8383J
TEMPERATURE
RANGE
BURN
IN
-40°C to +85°C
No
-55°C to +125°C
No
T
PART
NUMBER
T
Blank
FLOW
I
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
HI-8382, HI-8383
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8382JTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382JT HOLTIC-HI-8382JT Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-8382JTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com