Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT75A0-2 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT75A0-2
Description  100mA Low Power LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75A0-2 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT75A0-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT75A0-2 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
3-pin SOT89 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
¾
0.181
B
0.059
¾
0.072
C
0.090
¾
0.102
D
0.035
¾
0.047
E
0.155
¾
0.167
F
0.014
¾
0.019
G
0.017
¾
0.022
H
¾
0.059
¾
I55
¾
63
J14
¾
17
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.39
¾
4.60
B
1.50
¾
1.83
C
2.29
¾
2.59
D
0.89
¾
1.19
E
3.94
¾
4.24
F
0.36
¾
0.48
G
0.43
¾
0.56
H
¾
1.50
¾
I
1.40
¾
1.60
J
0.36
¾
0.43
HT75XX-2
Rev. 1.20
7
June 1, 2011
A
E
B
C
D
H
G
F
I
J


Similar Part No. - HT75A0-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75A0-2 HOLTEK-HT75A0-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
More results

Similar Description - HT75A0-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com