Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8592PCIF Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8592PCIF
Description  Single-Rail ARINC 429 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8592PCIF Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-8592PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 9Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 10Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HI-8592, HI-8593, HI-8594
HOLT INTEGRATED CIRCUITS
7
0V
10V
-10V
5V
0V
5V
0V
10%
90%
t
fx
10%
90%
t
phlx
10%
TX1IN
TX0IN
V
DIFF
(TXAOUT - TXBOUT)
t
fx
t
rx
t
rx
t
plhx
t
phlx
t
plhx
Figure 3. Line Driver Timing
PACKAGE THERMAL CHARACTERISTICS
Maximum ARINC LOAD
Package Style1
ARINC 429
Data Rate
Supply Current (mA)2
Junction Temp, T
j (
oC)
T
A = 25
oC
T
A = 85
oC
T
A = 125
oC T
A = 25
oC
T
A = 85
oC
T
A = 125
oC
14-Lead Plastic
ESOIC5
Low Speed3
30
31
32
33
93
134
High Speed4
36
36
37
35
95
135
TXAOUT and TXBOUT Shorted to Ground6,7,8
Package Style1
ARINC 429
Data Rate
Supply Current (mA)2
Junction Temp, T
j (
oC)
T
A = 25
oC
T
A = 85
oC
T
A = 125
oC T
A = 25
oC
T
A = 85
oC
T
A = 125
oC
14-Lead Plastic
ESOIC5
Low Speed3
89
82
77
53
111
149
High Speed4
87
81
77
52
111
149
Notes:
1.
All data taken in still air.
2.
At 100% duty cycle, 5V power supplies.
3.
Low Speed: Data Rate = 12.5 Kbps, Load: R = 400 Ohms, C = 30 nF.
4.
High Speed: Data Rate = 100 Kbps, Load: R = 400 Ohms, C = 10 nF. Data not presented for C = 30 nF as this is considered unrealistic for
high speed operation.
5.
14 Lead Plastic ESOIC (Thermally enhanced SOIC with built in heat sink). Heat sink not soldered.
6.
Similar results would be obtained with TXAOUT shorted to TXBOUT.
7.
For applications requiring survival with continuous short circuit, operation above Tj = 175°C is not recommended.
8.
Data will vary depending on air flow and the method of heat sinking employed.


Similar Part No. - HI-8592PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592PCIF HOLTIC-HI-8592PCIF Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8592PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_13 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596 Datasheet
598Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com