Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW56S Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAW56S
Description  Silicon Switching Diode Array (For high-speed switching applications Common anode)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAW56S Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAW56S Datasheet HTML 1Page - Siemens Semiconductor Group BAW56S Datasheet HTML 2Page - Siemens Semiconductor Group BAW56S Datasheet HTML 3Page - Siemens Semiconductor Group BAW56S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAW 56S
Semiconductor Group
Sep-07-1998
1
Silicon Switching Diode Array
• For high-speed switching applications
• Common anode
• Internal (galvanic) isolated Diodes
in one package
VPS05604
6
3
1
5
4
2
Type
Marking Ordering Code
Package
Pin Configuration
A1s
Q62702-A1253
1/4 = C1 2/5 = C2 3/6 = A1/2 SOT-363
BAW 56S
Maximum Ratings
Parameter
Value
Symbol
Unit
V
VR
70
Diode reverse voltage
Peak reverse voltage
VRM
70
200
mA
Forward current
IF
A
IFS
Surge forward current, t = 1
µs
4.5
Total power dissipation,
TS = 85 °C
Ptot
250
mW
150
°C
Junction temperature
Tj
Storage temperature
Tstg
65 ...+150
Thermal Resistance
K/W
Junction - ambient
1)
RthJA
≤ 530
Junction - soldering point
RthJS
≤ 260
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
1998-11-01


Similar Part No. - BAW56S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW56S PHILIPS-BAW56S Datasheet
74Kb / 12P
   High-speed double diode array
1997 Oct 21
logo
Infineon Technologies A...
BAW56S INFINEON-BAW56S Datasheet
128Kb / 8P
   Silicon Switching Diode
Jun-03-2003
logo
Guangdong Kexin Industr...
BAW56S KEXIN-BAW56S Datasheet
41Kb / 2P
   High-Speed Double Diode Array
logo
NXP Semiconductors
BAW56S NXP-BAW56S Datasheet
115Kb / 15P
   High-speed switching diodes
Rev. 05-26 November 2007
logo
Infineon Technologies A...
BAW56S INFINEON-BAW56S Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results

Similar Description - BAW56S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common anode)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
ON Semiconductor
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1_06 Datasheet
51Kb / 3P
   Common Anode Quad Array Switching Diode
May, 2006 ??Rev. 3
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1 Datasheet
49Kb / 4P
   Common Anode Quad Array Switching Diode
February, 2003 - Rev. 1
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
   Dual common anode high-speed switching diode
logo
Sanyo Semicon Device
FC807 SANYO-FC807 Datasheet
46Kb / 2P
   High-Speed Switching Composite Diode Anode Common
logo
Siemens Semiconductor G...
BAW156 SIEMENS-BAW156 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com