Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8383UM-01 Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8383UM-01
Description  ARINC 429 Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8383UM-01 Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8383UM-01 Datasheet HTML 1Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 2Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 3Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 4Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 5Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 6Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 7Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 8Page - Holt Integrated Circuits HI-8383UM-01 Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ORDERING INFORMATION
Notes:
1. All data taken
on devices soldered to a single layer copper PCB (3" X 4.5" X .062").
2. At 100% duty cycle, 15V power supplies. For 12V power supplies multiply all tabulated values by 0.8.
3. Low Speed: Data Rate = 12.5 Kbps, Load: R = 400 Ohms,C=30nF.
4. High Speed: Data Rate = 100 Kbps, Load: R = 400 Ohms,C=10nF. Data not presented forC=30nF
as this is considered unrealistic for high speed operation.
5. Similar results would be obtained with AOUT shorted to BOUT.
6. For applications requiring survival with continuous short circuit, operation above Tj = 175°C is not recommended.
7. Data will vary depending on air flow and the method of heat sinking employed.
in still air
HI-8382 PACKAGE THERMAL CHARACTERISTICS
(1) Process Flows M and DSCC always have Tin/Lead (Sn/Pb) solder lead finish.
(2) DSCC SMD# 5962-8687901EA. Only available in “C” package with Sn/Pb solder lead finish.
(3) Gold terminal finish is Pb-Free, RoHS compliant.
HI -
(Ceramic)
838xxx-xx
37.5 Ohms
Yes
13 Ohms
No
PART
NUMBER
8382
8383
OUTPUT SERIES
RESISTANCE
FUSE
A
and B
Shorted To Ground
OUT
OUT
5, 6, 7
1
2
PACKAGE S TYLE
ARINC 429
SUPPLY CURRENT (mA)
JUNCTION TEMP, T j ( °C)
DATA RATE
16 Lead Ceramic S B D IP
Ta = 25°C
Ta = 85°C
Ta = 125°C
Ta = 25°C
Ta = 85°C
Ta = 125°C
Low Speed
60.1
55.7
52.4
110
157
194
High Speed
63.1
56.3
52.3
100
150
182
Low Speed
62.1
56.2
53.0
9 0
145
180
High Speed
64.0
56.2
52.2
8 6
144
176
3
4
28 Lead PLCC
MAXIMUM ARINC LOAD
7
1
2
PACKAGE S TYLE
ARINC 429
SUPPLY CURRENT (mA)
JUNCTION TEMP, T j ( °C)
DATA RATE
16 Lead Ceramic S B D IP
Ta = 25°C
Ta = 85°C
Ta = 125°C
Ta = 25°C
Ta = 85°C
Ta = 125°C
Low Speed
17.6
17.2
17.0
4 8
107
142
High Speed
25.4
24.5
24.2
5 6
110
150
Low Speed
17.9
17.4
17.1
4 1
103
145
High Speed
25.8
24.8
24.4
4 7
112
147
3
4
28 Lead PLCC
HI-8382, HI-8383
TEMPERATURE
RANGE
BURN
IN
-40°C to +85°C
No
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
No
Yes
Yes
T
M
DSCC
PART
NUMBER
T
M-01
M-03
Blank
FLOW
I
NOTES
(1)
(1) & (2)
PACKAGE
DESCRIPTION
16 PIN CERAMIC SIDE BRAZED DIP (16C)
Gold
PART
NUMBER
C
28 PIN CERAMIC LEADLESS CHIP CARRIER (28S)
Gold
32 PIN CERQUAD (32U) not available with ‘M’ flow
Tin/Lead Solder
S
U
LEAD
FINISH
NOTES
(3) & (1)
(3) & (1)
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8383UM-01

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8383UM-01 HOLTIC-HI-8383UM-01 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-8383UM-01

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com