Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8596PSI Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8596PSI
Description  Single-Rail ARINC 429 Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8596PSI Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8596PSI Datasheet HTML 1Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 2Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 6Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 7Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 8Page - Holt Integrated Circuits HI-8596PSI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HI-8596
HOLT INTEGRATED CIRCUITS
4
FUNCTIONAL DESCRIPTION
Figure 1 is a block diagram of the line driver. The HI-8596
requires only a single +3.3V power supply. An integrated
inverting / non-inverting voltage doubler generates the
rail voltages (±6.6V) which are then used to produce the
±5V ARINC-429 output levels.
The internal dual polarity charge pump circuit requires
four external capacitors, two for each polarity gener-
ated by the doubler. CP+ and CP- connect the exter-
nal charge transfer or “fly” capacitor, C
FLY, to the positive
portion of the doubler, resulting in twice V
DD at the VDD2+
pin. An output “hold” capacitor, C
OUT, is placed between
V
DD2+ and GND. COUT should be ten times the size of CFLY.
The inverting or negative portion of the converter works
in a similar fashion, with C
FLY and COUT placed between
CN+ / CN- and V
DD2- / GND respectively.
Currents for slope control are set by on-chip resistors.
The TX0IN and TX1IN inputs receive logic signals
from a control transmitter chip such as the HI-3584.
TXAOUT and TXBOUT hold each side of the ARINC bus
at Ground until one of the inputs becomes a One. If for
example TX1IN goes high, a charging path is enabled to
5V on an “A” side internal capacitor while the “B” side is
enabled to -5V. The charging current is selected by the
SLP pin. If the SLP pin is high, the capacitor is nominally
charged from 10% to 90% in 1.5μs. If SLP is low, the
rise and fall times are 10μs.
A unity gain buffer receives the internally generated
slopes and differentially drives the ARINC line. Cur-
rent is limited by the series output resistors at each pin.
There are no fuses at the outputs of the HI-8596.
The HI-8596 has 37.5 ohms in series with each TXOUT
output and 5 ohms in series with each AMP output. The
AMP outputs are for applications where external series
resistance is required, typically for lightning protection
devices. Holt Application Note AN-300 describes suit-
able lightning protection schemes.
Tri-stateable outputs allow multiple line drivers to be
connected to the same ARINC 429 bus. Setting TX1IN
and TX0IN both to a logic “1” puts the outputs in the
high-impedance state.
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V
DD .......................................................... +5V
Power Dissipation at 25
oC
plastic SOIC ........... 1.0W, derate 10mW/
oC
ceramic DIP ......... 0.5W, derate 7mW/
oC
Solder Temperature ......................... 275
oC for 10sec
Storage Temperature ....................... -65
oC to +150oC
Note: HEAT SINK on QFN PACKAGE
The HI-8596 driver is available in a small-footprint, thermally
enhanced QFN (chip-scale) package. This package includes
an electrically isolated metal heat sink located on the bottom
surface of the device. This heat sink should be soldered down
to the printed circuit board for optimum thermal dissipation.
RECOMMENDED OPERATING
CONDITIONS
Supply Voltages
V
DD ................................... +3.0V to +3.6V
Temperature Range
Industrial Screening .............. -40
oC to +85oC
Hi-Temp Screening .............. -55
oC to +125oC
NOTE: Stresses above absolute maximum ratings or outside recom-
mended operating conditions may cause permanent damage to the
device. These are stress ratings only. Operation at the limits is not
recommended.


Similar Part No. - HI-8596PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8596PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592 Datasheet
1Mb / 13P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_13 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com