Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1471 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1471
Description  315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1471 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1471 Datasheet HTML 4Page - Maxim Integrated Products MAX1471 Datasheet HTML 5Page - Maxim Integrated Products MAX1471 Datasheet HTML 6Page - Maxim Integrated Products MAX1471 Datasheet HTML 7Page - Maxim Integrated Products MAX1471 Datasheet HTML 8Page - Maxim Integrated Products MAX1471 Datasheet HTML 9Page - Maxim Integrated Products MAX1471 Datasheet HTML 10Page - Maxim Integrated Products MAX1471 Datasheet HTML 11Page - Maxim Integrated Products MAX1471 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
315MHz/434MHz Low-Power, 3V/5V
ASK/FSK Superheterodyne Receiver
8
_______________________________________________________________________________________
PIN
NAME
FUNCTION
6
XTAL1
1st Crystal Input
7
AVDD
Analog Power-Supply Voltage for RF Sections. AVDD is connected to an on-chip +3.0V low-dropout
regulator. Decouple to AGND with a 0.1µF capacitor.
8
LNAIN
Low-Noise Amplifier Input
9
LNASRC
Low-Noise Amplifier Source for External Inductive Degeneration. Connect an inductor to AGND to set
LNA input impedance.
10
LNAOUT
Low-Noise Amplifier Output. Connect to mixer through an LC tank filter.
11
MIXIN+
Differential Mixer Input. Must be AC-coupled to driving input.
12
MIXIN-
Differential Mixer Input. Bypass to AGND with a capacitor.
13
MIXOUT
330
Ω Mixer Output. Connect to the input of the 10.7MHz IF filter.
14
AGND
Analog Ground
15
IFIN-
Differential 330
Ω IF Limiter Amplifier Input. Bypass to AGND with a capacitor.
16
IFIN+
Differential 330
Ω IF Limiter Amplifier Input. Connect to output of the 10.7MHz IF filter.
17
PDMINF
Minimum-Level Peak Detector for FSK Data. Connect to ground if peak detector is not used. See the
Peak Detectors section.
18
PDMAXF
Maximum-Level Peak Detector for FSK Data. Connect to ground if peak detector is not used. See the
Peak Detectors section.
19
DSF-
Inverting Data Slicer Input for FSK Data
20
DSF+
Noninverting Data Slicer Input for FSK Data
21
OPF+
Noninverting Op-Amp Input for the FSK Sallen-Key Data Filter
22
DFF
Data-Filter Feedback Node. Input for the feedback of the FSK Sallen-Key data filter.
23
DGND
Digital Ground
24
DVDD
Digital Power-Supply Voltage for Digital Sections. Connect to AVDD. Decouple to DGND with a 10nF
capacitor.
25
FDATA
Digital Baseband FSK Demodulator Data Output
26
CS
Active-Low Chip-Select Input
27
DIO
Serial Data Input/Output
28
SCLK
Serial Interface Clock Input
29
HVIN
High-Voltage Supply Input. For 3V operation, connect HVIN to AVDD and DVDD.
30
ADATA
Digital Baseband ASK Demod Data Output
31
PDMINA
Minimum-Level Peak Detector for ASK Output. Connect to ground if peak detector is not used. See the
Peak Detectors section.
32
PDMAXA
Maximum-Level Peak Detector for ASK Output. Connect to ground if peak detector is not used. See the
Peak Detectors section.
EP
Exposed Pad. Connect to ground.
Pin Description (continued)


Similar Part No. - MAX1471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX14713 MAXIM-MAX14713 Datasheet
532Kb / 7P
   3V DC power supply
Rev 1; 8/17
MAX14713EVKIT MAXIM-MAX14713EVKIT Datasheet
532Kb / 7P
   3V DC power supply
Rev 1; 8/17
More results

Similar Description - MAX1471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com