Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4477DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4477DY
Description  P-Channel 20 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4477DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4477DY Datasheet HTML 1Page - Vishay Siliconix SI4477DY Datasheet HTML 2Page - Vishay Siliconix SI4477DY Datasheet HTML 3Page - Vishay Siliconix SI4477DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
Document Number: 65215
2
S09-1763-Rev. A, 14-Sep-09
SPICE Device Model Si4477DY
Vishay Siliconix
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
SIMULATED
DATA
MEASURED
DATA
UNIT
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
0.60
-
V
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 18 A
0.0068
0.0051
Ω
VGS = - 2.5 V, ID = - 14 A
0.0085
0.0085
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 3.5 A
16
10
S
Diode Forward Voltagea
VSD
IS = - 5 A
- 0.69
- 0.75
V
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
4500
4600
pF
Output Capacitance
Coss
1010
980
Reverse Transfer Capacitance
Crss
436
175
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 10 V, ID = - 18 A
99
125
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 18 A
44
59
Gate-Source Charge
Qgs
10
10
Gate-Drain Charge
Qgd
19
19


Similar Part No. - SI4477DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4477DY VISHAY-SI4477DY Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SI4477DY VISHAY-SI4477DY Datasheet
193Kb / 9P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4477DY-T1-E3 VBSEMI-SI4477DY-T1-E3 Datasheet
992Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
193Kb / 9P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4477DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com