Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6733UTLTD3-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6733UTLTD3-T
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6733UTLTD3-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6733UTLTD3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 9Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 10Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 11Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 12Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 13Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 14Page - Maxim Integrated Products MAX6733UTLTD3-T Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Applications Information
Interfacing to µPs with Bidirectional
Reset Pins
Microprocessors with bidirectional reset pins can inter-
face directly with the open-drain RST output options.
However, conditions might occur in which the push-pull
output versions experience logic contention with the
bidirectional reset pin of the µP. Connect a 10k
Ω resis-
tor between RST and the µP’s reset I/O port to prevent
logic contention (Figure 5).
Falling VCC Transients
The MAX6730–MAX6735 µP supervisors are relatively
immune to short-duration falling VCC_ transients (glitch-
es). Small glitches on VCC_ are ignored by the
MAX6730–MAX6735, preventing undesirable reset
pulses to the µP. The
Typical Operating Characteristics
show Maximum Transient Duration vs. Reset Threshold
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
______________________________________________________________________________________
11
tRP
> tWD-S
tMR
< tWD-S
< tWD-L
< tWD-L
tRP
VTH
VCC
(MIN)
VCC1,
VCC2
RSTIN
RST
WDO
WDI
MR
Figure 4. Watchdog Input/Output Timing Diagram (MR and WDO Connected)
MAX6731
MAX6733
MAX6735
VCC1
VCC1
VCC2
VCC2
RESET TO
OTHER
SYSTEM
COMPONENTS
GND
µP
RST
GND
10k
RESET
Figure 5. Interfacing to µPs with Bidirectional Reset I/O


Similar Part No. - MAX6733UTLTD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6733UTLTD3-T MAXIM-MAX6733UTLTD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
More results

Similar Description - MAX6733UTLTD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com