Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6732UTVDD3-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6732UTVDD3-T
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6732UTVDD3-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6732UTVDD3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6732UTVDD3-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX6730–MAX6735 single-/dual-/triple-voltage
microprocessor (µP) supervisors feature a watchdog
timer and manual reset capability. The MAX6730–
MAX6735 offer factory-set reset thresholds for monitor-
ing voltages from +0.9V to +5V and an adjustable reset
input for monitoring voltages down to +0.63V. The com-
bination of these features significantly improves system
reliability and accuracy when compared to separate
ICs or discrete components.
The active-low reset output asserts and remains asserted
for the reset timeout period after all the monitored volt-
ages exceed their respective thresholds. Multiple factory-
set reset threshold combinations reduce the number of
external components required. The MAX6730/MAX6731
monitor a single fixed voltage, the MAX6732/MAX6733
monitor two fixed voltages, and the MAX6734/MAX6735
monitor two fixed voltages and one adjustable voltage. All
devices are offered with six minimum reset timeout peri-
ods ranging from 1.1ms to 1120ms.
The MAX6730–MAX6735 feature a watchdog timer with
an independent watchdog output. The watchdog timer
prevents system lockup during code execution errors.
A watchdog startup delay of 54s after reset asserts
allows system initialization during power-up. The watch-
dog operates in normal mode with a 1.68s delay after
initialization. The MAX6730/MAX6732/MAX6734 provide
an active-low, open-drain watchdog output. The
MAX6731/MAX6733/MAX6735 provide an active-low,
push-pull watchdog output.
Other features include a manual reset input (MAX6730/
MAX6731/MAX6734/MAX6735) and push-pull reset out-
put (MAX6731/MAX6733/MAX6735) or open-drain reset
output (MAX6730/MAX6732/MAX6734). The MAX6730–
MAX6733 are offered in a tiny SOT23-6 package. The
MAX6734/MAX6735 are offered in a space-saving
SOT23-8 package. All devices are fully specified over
the extended -40°C to +85°C temperature range.
Applications
Multivoltage Systems
Telecom/Networking Equipment
Computers/Servers
Portable/Battery-Operated Equipment
Industrial Equipment
Printer/Fax
Set-Top Boxes
Features
o VCC1 (Primary Supply) Reset Threshold Voltages
from +1.575V to +4.63V
o VCC2 (Secondary Supply) Reset Threshold
Voltages from +0.79V to +3.08V
o Adjustable RSTIN Threshold for Monitoring
Voltages Down to +0.63V (MAX6734/MAX6735 Only)
o Six Reset Timeout Options
o Watchdog Timer with Independent Watchdog Output
35s (min) Initial Watchdog Startup Period
1.12s (min) Normal Watchdog Timeout Period
o Manual Reset Input
(MAX6730/MAX6731/MAX6734/MAX6735)
o Guaranteed Reset Valid down to
VCC1 or VCC2 = +0.8V
o Push-Pull RESET or Open-Drain RESET Output
o Immune to Short VCC Transients
o Low Supply Current: 14µA (typ) at +3.6V
o Small 6-Pin and 8-Pin SOT23 Packages
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2629; Rev 6; 11/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
*
Insert the threshold level suffixes for VCC1 and VCC2 (Table 1)
after “UT” or “KA.” For the MAX6730/MAX6731, insert only the
VCC1 threshold suffix after the “UT.” Insert the reset timeout
delay (Table 2) after “D” to complete the part number. For exam-
ple, the MAX6732UTLTD3-T provides a VCC1 threshold of
+4.625V, a VCC2 threshold of +3.075V, and a 210ms reset time-
out period. Sample stock is generally held on standard versions
only (see the Standard Versions table). Standard versions have
an order increment requirement of 2500 pieces. Nonstandard
versions have an order increment requirement of 10,000 pieces.
Contact factory for availability.
PART*
TEMP RANGE
PIN-PACKAGE
MAX6730UT_D_ -T
-40°C to +85°C
6 SOT23
MAX6731UT_D_ -T
-40°C to +85°C
6 SOT23
MAX6732UT_ _D_ -T
-40°C to +85°C
6 SOT23
MAX6733UT_ _D_ -T
-40°C to +85°C
6 SOT23
MAX6734KA_ _D_ -T
-40°C to +85°C
8 SOT23
MAX6734KA_ _D_ /V-T
-40°C to +85°C
8 SOT23
MAX6735KA_ _D_ -T
-40°C to +85°C
8 SOT23
Typical Operating Circuit and Pin Configurations appear at
end of data sheet.
Devices are available in both leaded and lead(Pb)-free/RoHS-
compliant packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
/V Denotes an automotive qualified part.


Similar Part No. - MAX6732UTVDD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6732UTVDD3-T MAXIM-MAX6732UTVDD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
More results

Similar Description - MAX6732UTVDD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com