Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16071 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16071
Description  12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16071 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16071 Datasheet HTML 5Page - Maxim Integrated Products MAX16071 Datasheet HTML 6Page - Maxim Integrated Products MAX16071 Datasheet HTML 7Page - Maxim Integrated Products MAX16071 Datasheet HTML 8Page - Maxim Integrated Products MAX16071 Datasheet HTML 9Page - Maxim Integrated Products MAX16071 Datasheet HTML 10Page - Maxim Integrated Products MAX16071 Datasheet HTML 11Page - Maxim Integrated Products MAX16071 Datasheet HTML 12Page - Maxim Integrated Products MAX16071 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
12-Channel/8-Channel, Flash-Configurable System
Managers with Nonvolatile Fault Registers
_______________________________________________________________________________________ 9
Pin Description
PIN
NAME
FUNCTION
MAX16070
MAX16071
1–5, 34, 35,
40
1–5, 36, 37,
40
MON2–MON6,
MON7, MON8,
MON1
Monitor Voltage Input 1–Monitor Voltage Input 8. Set monitor voltage range
through configuration registers. Measured value written to the ADC register
can be read back through the SMBus or JTAG interface.
6
6
CSP
Current-Sense Amplifier Positive Input. Connect CSP to the source side of the
external sense resistor.
7
7
CSM
Current-Sense Amplifier Negative Input. Connect CSM to the load side of the
external sense resistor.
8
8
RESET
Configurable Reset Output
9
9
TMS
JTAG Test Mode Select
10
10
TDI
JTAG Test Data Input
11
11
TCK
JTAG Test Clock
12
12
TDO
JTAG Test Data Output
13
13
SDA
SMBus Serial-Data Open-Drain Input/Output
14
14
A0
Four-State SMBus Address. Address sampled upon POR.
15
15
SCL
SMBus Serial Clock Input
16, 33
16, 35
GND
Ground
17, 18
GPIO7, GPIO8
General-Purpose Input/Output 7 and General-Purpose Input/Output 8.
GPIO_s can be configured to act as a TTL input, a push-pull, open-drain, or
high-impedance output or a pulldown circuit during a fault event or reverse
sequencing.
19–24
17–22
GPIO1–GPIO6
General-Purpose Input/Output 1–General-Purpose Input/Output 6. GPIO_s
can be configured to act as a TTL input, a push-pull, open-drain, or high-
impedance output or a pulldown circuit during a fault event.
25, 26, 27, 29
23–28,
30, 38, 39
N.C.
No Connection. Not internally connected.
28
29
EN
Analog Enable Input. All outputs deassert when VEN is below the enable
threshold.
30
31, 32
DBP
Digital Bypass. All push-pull outputs are referenced to DBP. Bypass DBP with
a 1FF capacitor to GND.
31
33
VCC
Device Power Supply. Connect VCC to a voltage from 2.8V to 14V. Bypass
VCC with a 10FF capacitor to GND.
32
34
ABP
Analog Bypass. Bypass ABP with a 1FF ceramic capacitor to GND.
36–39
MON9–
MON12
Monitor Voltage Input 9–Monitor Voltage Input 12. Set monitor voltage range
through configuration registers. Measured value written to the ADC register
can be read back through the SMBus or JTAG interface.
EP
Exposed Pad. Internally connected to GND. Connect to ground, but do not
use as the main ground connection.


Similar Part No. - MAX16071

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607 Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
MAX16072RSD++ MAXIM-MAX16072RSD+ Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
MAX16073 MAXIM-MAX16073 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
MAX16073RSD++ MAXIM-MAX16073RSD+ Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
More results

Similar Description - MAX16071

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com