Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4276DY-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4276DY-T1-GE3
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4276DY-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4276DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 66599
S10-1289-Rev. A, 31-May-10
Vishay Siliconix
Si4276DY
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
Ch 1
30
V
VGS = 0 V, ID = 250 µA
Ch 2
30
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
Ch 1
29
mV/°C
ID = 250 µA
Ch 2
30
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
Ch 1
- 5.2
ID = 250 µA
Ch 2
- 4.4
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch 1
1.2
2.5
V
VDS = VGS, ID = 250 µA
Ch 2
1.2
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch 1
100
nA
Ch 2
100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch 1
1
µA
VDS = 30 V, VGS = 0 V
Ch 2
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch 1
10
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch 2
10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch 1
10
A
VDS = 5 V, VGS = 10 V
Ch 2
10
Drain-Source On-State
Resistanceb
RDS(on)
VGS = 10 V, ID = 9.5 A
Ch 1
0.0127
0.0153
Ω
VGS = 10 V, ID = 6.8 A
Ch 2
0.0230
0.0280
VGS = 4.5 V, ID = 8.7 A
Ch 1
0.0146
0.0184
VGS = 4.5 V, ID = 6.1 A
Ch 2
0.0280
0.0340
Forward Transconductanceb
gfs
VDS = 15 V, ID = 9.5 A
Ch 1
43
S
VDS = 15 V, ID = 6.8 A
Ch 2
17
Dynamica
Input Capacitance
Ciss
Channel 1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel 2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch 1
1000
pF
Ch 2
366
Output Capacitance
Coss
Ch 1
215
Ch 2
82
Reverse Transfer Capacitance
Crss
Ch 1
85
Ch 2
45
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 9.5 A
Ch 1
17.2
26
nC
VDS = 15 V, VGS = 10 V, ID = 6.8 A
Ch 2
7.3
15
Channel 1
VDS = 15 V, VGS = 4.5 V, ID = 9.5 A
Channel 2
VDS = 15 V, VGS = 4.5 V, ID = 6.8 A
Ch 1
8.4
17
Ch 2
3.6
8
Gate-Source Charge
Qgs
Ch 1
3
Ch 2
1.1
Gate-Drain Charge
Qgd
Ch 1
2.6
Ch 2
1.3
Gate Resistance
Rg
f = 1 MHz
Ch 1
0.6
3.1
6.2
Ω
Ch 2
0.5
2.6
5.2


Similar Part No. - SI4276DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
More results

Similar Description - SI4276DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com