Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15034 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15034
Description  Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15034 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15034 Datasheet HTML 1Page - Maxim Integrated Products MAX15034 Datasheet HTML 2Page - Maxim Integrated Products MAX15034 Datasheet HTML 3Page - Maxim Integrated Products MAX15034 Datasheet HTML 4Page - Maxim Integrated Products MAX15034 Datasheet HTML 5Page - Maxim Integrated Products MAX15034 Datasheet HTML 6Page - Maxim Integrated Products MAX15034 Datasheet HTML 7Page - Maxim Integrated Products MAX15034 Datasheet HTML 8Page - Maxim Integrated Products MAX15034 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX15034 two-phase, configurable single- or dual-
output buck controller has an input voltage range of
4.75V to 5.5V or 5V to 28V. A mode select input allows
for a dual-output supply or connecting two phases
together for a single-output, high-current supply. Each
output channel of the MAX15034 drives n-channel
MOSFETs and is capable of providing more than 25A of
load current. The MAX15034 uses average current-
mode control with a switching frequency up to 1MHz
per phase where each phase is 180° out of phase with
respect to the other. Out-of-phase operation results in
significantly reduced input capacitor ripple current and
output voltage ripple in dual-phase, single-output volt-
age applications. Each controller has its own high-per-
formance current and voltage-error amplifier that can
be compensated for optimum output filter L-C values
and transient response.
The MAX15034 offers two enable inputs with accurate
turn-on thresholds to allow for output voltage sequencing
of the two outputs. The device’s switching frequency can
be programmed from 100kHz to 1MHz with an external
resistor. The MAX15034 can be synchronized to an
external clock. Each output voltage is adjustable from
0.61V to 5.5V. Additional features include thermal shut-
down and hiccup-mode, short-circuit protection. Use the
MAX15034 with adaptive voltage positioning for applica-
tions that require a fast transient response or accurate
output voltage regulation.
The MAX15034 is available in a thermally enhanced 28-
pin TSSOP package capable of dissipating 2.1W. The
device is rated for operation over the -40°C to +125°C
automotive temperature range.
Applications
High-End Computers/Workstations/Servers
Graphics Cards
Networking Systems
Point-of-Load High-Current/High-Density
Telecom DC-DC Regulators
RAID Systems
Features
o 4.75V to 5.5V or 5V to 28V Input
o Dual-Output Synchronous Buck Controller
o Configurable for Two Separate Outputs (25A) or
One Single Output (50A)
o Average Current-Mode Control with Accurate
Adjustable Current Limit
o 180° Interleaved Operation Reduces Size of Input
Filter Capacitors
o Limits Reverse Current Sinking When Operated in
Parallel Mode
o Each Output is Adjustable from 0.61V to 5.5V
o Independently Programmable Adaptive Voltage
Positioning
o Monotonic Startup into Prebiased Outputs
o Independent Shutdown for Each Output
o 100kHz to 1MHz per Phase Programmable
Switching Frequency
o Oscillator Frequency Synchronization from
200kHz to 2MHz
o Digital Soft-Start on Outputs
o Hiccup-Mode Overcurrent Protection
o Overtemperature Shutdown
o Thermally Enhanced 28-Pin TSSOP Package
Capable of Dissipating 2.1W
Configurable, Single-/Dual-Output, Synchronous
Buck Controller for High-Current Applications
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4218; Rev 1; 10/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX15034AAUI+
-40°C to +125°C
28 TSSOP
MAX15034BAUI+
-40°C to +125°C
28 TSSOP-EP*
MAX15034BAUI/V+
-40°C to +125°C
28 TSSOP-EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
/V Denotes an automotive qualified part.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX15034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034AAUI++ MAXIM-MAX15034AAUI+ Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034BAUI++ MAXIM-MAX15034BAUI+ Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
More results

Similar Description - MAX15034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com