Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15029 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15029
Description  1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15029 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15029_12 Datasheet HTML 1Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 2Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 3Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 4Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 5Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 6Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 7Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 8Page - Maxim Integrated Products MAX15029_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 1.8V, VOUT = 1.5V, IOUT = 500mA, TA = +25°C, unless otherwise noted.)
1.425V to 3.6V Input, 500mA Low-Dropout
Regulators with BIAS Input
_______________________________________________________________________________________
5
OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
125
100
75
50
25
0
-25
1.48
1.49
1.50
1.51
1.52
1.53
1.47
-50
150
IOUT = 0
IOUT = 500mA
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
600
400
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
800
VIN = 1.2V
VIN = 1.8V
TA = +125°C
VOUT = 1.5V
CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
125
100
50
75
0
25
-25
770
790
810
830
850
870
890
910
930
950
750
-50
150
POWER-DOWN RESPONSE
MAX15029 toc14
20ms/div
1V/div
VOUT
VIN
2V/div
0
0
IOUT = 500mA
LOAD-TRANSIENT RESPONSE
MAX15029 toc12
20
μs/div
20mA/div
IOUT
VOUT
10mV/div
AC-COUPLED
0
IOUT = 100mA TO 500mA TO 100mA
POWER-UP RESPONSE
MAX15029 toc13
2ms/div
1V/div
VOUT
VIN
1V/div
0
0
IOUT = 500mA


Similar Part No. - MAX15029_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
More results

Similar Description - MAX15029_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
logo
Global Mixed-mode Techn...
G936 GMT-G936 Datasheet
230Kb / 8P
   3.6V 500mA/400mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com