Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6801UR31D3-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6801UR31D3-T
Description  3-Pin, Low-Power uP Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6801UR31D3-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6801UR31D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3-Pin, Low-Power
µP Reset Circuits
_______________________________________________________________________________________
5
Table 1. Factory-Trimmed Reset Thresholds
TA = +25
°CTA = -40°C to +125°C
RESET
THRESHOLD
SUFFIX
MIN
TYP (VTH)
MAX
MIN
MAX
48
4.714
4.80
4.886
4.656
4.944
47
4.615
4.70
4.785
4.559
4.841
46
4.547
4.63
4.713
4.491
4.769
45
4.419
4.50
4.581
4.365
4.635
44
4.301
4.38
4.459
4.249
4.511
43
4.223
4.30
4.377
4.171
4.429
42
4.124
4.20
4.276
4.074
4.326
41
4.026
4.10
4.174
3.977
4.223
40
3.928
4.00
4.072
3.880
4.120
39
4.830
3.90
3.970
3.783
4.017
38
3.732
3.80
3.868
3.686
3.914
37
3.633
3.70
3.767
3.589
3.811
36
3.535
3.60
3.665
3.492
3.708
35
3.437
3.50
3.563
3.395
3.605
34
3.339
3.40
3.461
3.298
3.502
33
3.241
3.30
3.359
3.201
3.399
32
3.142
3.20
3.258
3.104
3.296
31
3.025
3.08
3.135
2.988
3.172
30
2.946
3.00
3.054
2.910
3.090
29
2.877
2.93
2.983
2.842
3.018
28
2.750
2.80
2.850
2.716
2.884
27
2.651
2.70
2.749
2.619
2.781
26
2.583
2.63
2.677
2.551
2.709
Ensuring a Valid Reset Output
Down to VCC = 0V
When VCC falls below 1V and approaches the minimum
operating voltage of 0.7V, push/pull-structured reset
sinking (or sourcing) capabilities decrease drastically.
High-impedance CMOS-logic inputs connected to the
RESET pin can drift to indeterminate voltages. This
does not present a problem in most cases, since most
µPs and circuitry do not operate when VCC drops
below 1V. For the MAX6801 application, where RESET
must be valid down to 0V, adding a pulldown resistor
between RESET and GND removes stray leakage cur-
rents, holding RESET low (Figure 2a). The pulldown
resistor value is not critical; 100k
Ω is large enough not
to load RESET and small enough to pull it low. For the
MAX6800 application, where RESET must be valid to
VCC = 0V, a 100k
Ω pullup resistor between RESET and
VCC will hold RESET high when VCC falls below 0.7V
(Figure 2b).
Since the MAX6802 has an open-drain, active-low out-
put, it typically uses a pullup resistor. With this device,
RESET will most likely not maintain an active condition,
but will drift to a non-active level due to the pullup
resistor and the reduced sinking capability of the open-
drain device. Therefore, this device is not recommend-
ed for applications where the RESET pin is required to
be valid down to VCC = 0V.


Similar Part No. - MAX6801UR31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6801UR31D3-T MAXIM-MAX6801UR31D3-T Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
More results

Similar Description - MAX6801UR31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com