Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9646 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9646
Description  Low-Power Comparators with Precision Reference in 4-Bump UCSP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9646 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9646 Datasheet HTML 1Page - Maxim Integrated Products MAX9646 Datasheet HTML 2Page - Maxim Integrated Products MAX9646 Datasheet HTML 3Page - Maxim Integrated Products MAX9646 Datasheet HTML 4Page - Maxim Integrated Products MAX9646 Datasheet HTML 5Page - Maxim Integrated Products MAX9646 Datasheet HTML 6Page - Maxim Integrated Products MAX9646 Datasheet HTML 7Page - Maxim Integrated Products MAX9646 Datasheet HTML 8Page - Maxim Integrated Products MAX9646 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX9644/MAX9645/MAX9646 are small, single com-
parators, ideal for a wide variety of portable electronics
applications such as cell phones, media players, and
notebooks that have extremely tight board space and
power constraints. These comparators are offered in both
a miniature 4-bump UCSP™ package with a 1mm x 1mm
footprint (as small as two 0402 resistors) and a
5-pin SOT23 package.
The ICs feature an input voltage range of -0.3V to
+5.5V, independent of supply voltage. These devices
maintain high impedance at the inputs even when pow-
ered down (VCC or VREF = 0V). They also feature inter-
nal filtering to provide high RF immunity.
The ICs have an internal 0.2V reference. These devices
feature either a push-pull or an open-drain output. They
consume only 700nA (max) supply current and operate
down to VCC = 1V over the extended -40°C to +85°C tem-
perature range.
Applications
Cell Phones
Portable Media Players
Electronic Toys
Notebook Computers
Portable Medical Devices
Features
o Tiny, 1mm x 1mm x 0.6mm 4-Bump UCSP
Footprint = Two 0402 Resistors
Also Available in a 5-Pin SOT23 Package
o Ultra-Low Operating Current (700nA max)
o -0.3V to +5.5V Input Voltage Range
o Internal 0.2V Reference Trimmed to 1% Accuracy
o 15µs Propagation Delay
o -40°C to +85°C Extended Temperature Range
Low-Power Comparators with Precision
Reference in 4-Bump UCSP
________________________________________________________________
Maxim Integrated Products
1
19-5803; Rev 1; 10/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
PIN-PACKAGE
TOP MARK
MAX9644EBS+G45
4 UCSP
+AGL
MAX9644EUK+
5 SOT23
+AFJN
MAX9645EBS+G45
4 UCSP
+AGM
MAX9645EUK+
5 SOT23
+AFJO
MAX9646EBS+G45
4 UCSP
+AGN
MAX9646EUK+
5 SOT23
+AFJP
Note: All devices are specified over the extended -40°C to
+85°C operating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
G45
= Protective die coating.
UCSP is a trademark of Maxim Integrated Products, Inc.
PART
REFERENCE VOLTAGE (V)
INPUT
OUTPUT
MAX9644
0.2
Noninverting
Open drain
MAX9645
0.2
Inverting
Open drain
MAX9646
0.2
Noninverting
Push-pull
Selector Guide


Similar Part No. - MAX9646

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9646 MAXIM-MAX9646 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9646 MAXIM-MAX9646 Datasheet
821Kb / 8P
   -0.3V to 5.5V Input Voltage Range
Rev 0; 7/11
MAX9646EBSG45 MAXIM-MAX9646EBSG45 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9646EUK MAXIM-MAX9646EUK Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
More results

Similar Description - MAX9646

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9060 MAXIM-MAX9060 Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9060 MAXIM-MAX9060_10 Datasheet
350Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 2; 10/10
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX6023 MAXIM-MAX6023 Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com