Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9632ASA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9632ASA
Description  36V, Precision, Low-Noise, Wide-Band Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9632ASA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9632ASA Datasheet HTML 5Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 6Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 7Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 8Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 9Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 10Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 11Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 12Page - Maxim Integrated Products MAX9632ASA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
_______________________________________________________________________________________ 9
36V, Precision, Low-Noise,
Wide-Band Amplifier
Careful layout technique helps optimize performance
by decreasing the amount of stray capacitance at the
op amp’s inputs and outputs. To decrease stray capaci-
tance, minimize trace lengths by placing external com-
ponents close to the op amp’s pins.
For high-frequency designs, ground vias are critical to
provide a ground return path for high-frequency signals
and should be placed near the decoupling capacitors.
Signal routing should be short and direct to avoid para-
sitic effects. Avoid using right angle connectors since
they may introduce a capacitive discontinuity and ulti-
mately limit the frequency response.
Electrostatic Discharge (ESD)
The IC has built-in circuits to protect it from ESD events.
An ESD event produces a short, high-voltage pulse
that is transformed into a short current pulse once it
discharges through the device. The built-in protection
circuit provides a current path around the op amp that
prevents it from being damaged. The energy absorbed
by the protection circuit is dissipated as heat.
ESD protection is guaranteed up to Q8kV with the Human
Body Model (HBM). The Human Body Model simulates
the ESD phenomenon wherein a charged body directly
transfers its accumulated electrostatic charge to the
ESD-sensitive device. A common example of this phe-
nomenon is when a person accumulates static charge
by walking across a carpet and then transfers all of the
charge to an ESD-sensitive device by touching it.
Not all ESD events involve the transfer of charge into the
device. ESD from a charged device to another body is
also a common form of ESD.
If a charged device comes into contact with another
conductive body that is at a lower potential, it discharges
into that body. Such an ESD event is known as Charged
Device Model (CDM) ESD, which can be even more
destructive than HBM ESD (despite its shorter pulse
duration) because of its high current. The IC guarantees
CDM ESD protection up to Q1kV.
Driving High-Resolution Sigma-Delta ADCs
The MAX9632’s excellent AC specifications and 55MHz
bandwidth are a good fit for driving high-speed, precision
delta-sigma ADCs. These ADCs require an ultra-low noise
op amp to achieve signal-to-noise ratios (SNR) better than
100dB. The MAX11040 is a 24-bit, 4-channel, simultane-
ous-sampling ADC with 117dB SNR at 1ksps and 106dB
at 16ksps. The MAX11040 measures analog inputs up to
Q
2.2V. Sampling up to 64ksps, the MAX11040 achieves
better than -94dB THD and 94dB SFDR.
The MAX11040 measures four differential inputs simulta-
neously, outputting the data through an SPI™ interface
to allow daisy-chaining the data outputs and inputs
together. Therefore, up to eight MAX11040 devices can
be placed in parallel to measure up to 32 inputs simulta-
neously. This is ideal for 3-phase power monitoring that
requires multiple current and voltage readings and very
wide dynamic range.
The Typical Application Circuit shows an example of the
MAX9632 driving the MAX11040.
Chip Information
PROCESS: BiCMOS
SPI is a trademark of Mototrola, Inc.


Similar Part No. - MAX9632ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632ASA MAXIM-MAX9632ASA Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX9632ASA++ MAXIM-MAX9632ASA+ Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632ASA++ MAXIM-MAX9632ASA+ Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
More results

Similar Description - MAX9632ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com