Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8969EWL37 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8969EWL37
Description  Step-Up Converter for Handheld Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8969EWL37 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8969EWL37 Datasheet HTML 1Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 2Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 3Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 4Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 5Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 6Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 7Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 8Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
________________________________________________________________________________________ _ 3
Step-Up Converter
for Handheld Applications
ELECTRICAL_CHARACTERISTICS_(continued)
(VIN = 2.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are TA = +25NC.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Steady-State Output Voltage
(Notes 5, 6)
2.5V < VIN < VATMRT, conditions emulating 0 <
IOUT < 1A, COUT = 22FF, L = 1FH,
VOUT_TARGET = 3.3V
3.00
3.45
V
2.5V < VIN < VATMRT, conditions emulating 0 <
IOUT < 1A, COUT = 22FF, L = 1FH,
VOUT_TARGET = 3.5V
3.15
3.65
2.5V < VIN < VATMRT, conditions emulating 0 <
IOUT < 1A, COUT = 22FF, L = 1FH,
VOUT_TARGET = 3.7V
3.35
3.85
2.5V < VIN < VATMRT, conditions emulating 0 <
IOUT < 600mA, COUT = 22FF, L = 1FH,
VOUT_TARGET = 4.25V
3.95
4.35
2.5V < VIN < VATMRT, conditions emulating 0 <
IOUT < 500mA, COUT = 22FF, L = 1FH,
VOUT_TARGET = 5V
4.50
5.10
LX_ Leakage Current
VLX = 0V, 4.8V
TA = +25NC
0.1
5
F
A
TA = +85NC
0.2
Skip-Mode Supply Current
EN = high, IOUT = 0A, 1FH inductor (TREN is
low, not switching)
45
F
A
pMOS Turn-Off Current (Zero-Cross Current)
10
mA
LX_ nMOS Current Limit
2.6
3.2
A
Maximum Duty Cycle
83
%
Minimum Duty Cycle
0
%
pMOS On-Resistance
VOUT = 3.3V
120
mI
VOUT = 3.5V
115
VOUT = 3.7V
110
VOUT = 4.25V
100
VOUT = 5V
91
nMOS On-Resistance
VOUT = 3.3V
65
mI
VOUT = 3.5V
63
VOUT = 3.7V
60
VOUT = 4.25V
55
VOUT = 5V
51
Minimum Output Capacitance for Stable
Operation (Actual)
8
F
F
Maximum Output Capacitance (Actual)
0 < IOUT < 0.3A
during startup
VOUT = 3.3V
70
F
F
VOUT = 3.5V
55
VOUT = 3.7V
45
VOUT = 4.25V
30
VOUT = 5V
20


Similar Part No. - MAX8969EWL37

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969EWL37 MAXIM-MAX8969EWL37 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL37++ MAXIM-MAX8969EWL37+ Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL37++ MAXIM-MAX8969EWL37+ Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
More results

Similar Description - MAX8969EWL37

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com