Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV170 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAV170
Description  Silicon Low Leakage Diode Array (Low leakage applications Medium speed switching times Common cathode)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAV170 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAV170 Datasheet HTML 1Page - Siemens Semiconductor Group BAV170 Datasheet HTML 2Page - Siemens Semiconductor Group BAV170 Datasheet HTML 3Page - Siemens Semiconductor Group BAV170 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Low Leakage Diode Array
BAV 170
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAV 170
Q62702-A920
JXs
SOT-23
Parameter
Symbol
Values
Unit
Reverse voltage
VR
70
V
Forward current
IF
200
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =35˚C
Ptot
250
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
70
Surge forward current,
t = 1 µs
IFS
4.5
A
Thermal Resistance
Junction - ambient2)
Rth JA
600
K/W
Junction - soldering point
Rth JS
460
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
Low leakage applications
q
Medium speed switching times
q
Common cathode
5.91


Similar Part No. - BAV170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV170 PHILIPS-BAV170 Datasheet
53Kb / 8P
   Low-leakage double diode
1999 May 11
logo
Pan Jit International I...
BAV170 PANJIT-BAV170 Datasheet
142Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
290Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
BAV170 DIODES-BAV170 Datasheet
44Kb / 2P
   Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
BAV170 SECOS-BAV170 Datasheet
3Mb / 3P
   Low-leakage Double Diode
More results

Similar Description - BAV170

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW156 SIEMENS-BAW156 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Nexperia B.V. All right...
BAV170M NEXPERIA-BAV170M Datasheet
678Kb / 11P
   Dual common cathode low-leakage diode
BAV170QA NEXPERIA-BAV170QA Datasheet
683Kb / 12P
   Dual common cathode low-leakage diode
logo
Zetex Semiconductors
FLLD258 ZETEX-FLLD258 Datasheet
111Kb / 2P
   SILICON PLANAR LOW LEAKAGE COMMON CATHODE DIODE PAIR
logo
Infineon Technologies A...
BAV170 INFINEON-BAV170 Datasheet
454Kb / 4P
   Silicon Low Leakage Diode Array
Mar-10-2004
BAV170 INFINEON-BAV170_07 Datasheet
73Kb / 6P
   Silicon Low Leakage Diode Array
2007-04-19
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
Rohm
BAV199FMFH ROHM-BAV199FMFH Datasheet
1Mb / 8P
   Switching Diode (Low leakage)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com