Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2659 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2659
Description  GPS/GNSS Low-Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2659 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2659 Datasheet HTML 1Page - Maxim Integrated Products MAX2659 Datasheet HTML 2Page - Maxim Integrated Products MAX2659 Datasheet HTML 3Page - Maxim Integrated Products MAX2659 Datasheet HTML 4Page - Maxim Integrated Products MAX2659 Datasheet HTML 5Page - Maxim Integrated Products MAX2659 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GPS/GNSS Low-Noise Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX2659 EV kit; Typical values are at VCC = 2.85V, TA = +25°C, and fRFIN = 1575.42MHz, unless otherwise noted.)
IIP3 vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.6 2.8
2.4
2.2
2.0
1.8
-7
-6
-4
-5
-3
-8
1.6
3.0 3.2 3.4
TWO TONES LOCATED AT 5MHz AND
10MHz OFFSET WITH -40dBm/TONE
INPUT P1dB COMPRESSION
vs. TEMPERATURE
TEMPERATURE (
°C)
35
10
-15
-14
-13
-10
-11
-12
-9
-15
-40
60
85
INPUT P1dB COMPRESSION
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.8
2.4 2.6
1.8 2.0
2.2
-18
-16
-10
-12
-14
-8
-20
1.6
3.0 3.2 3.4
INPUT P1dB COMPRESSION
vs. JAMMER FREQUENCY
JAMMER FREQUENCY (MHz)
1750
1500
750 1000 1250
-25
-20
-5
-10
-15
0
-30
500
2000 2250 2500
NF vs. JAMMER POWER AT 850MHz
JAMMER POWER (dBm)
-15
-25
-20
0.5
1.0
1.5
3.0
2.5
2.0
3.5
0
-30
-10
-5
NF vs. JAMMER POWER AT 1850MHz
JAMMER POWER (dBm)
-15
-25
-20
0.5
1.0
1.5
3.0
2.5
2.0
3.5
0
-30
-10


Similar Part No. - MAX2659

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
MAX2659 MAXIM-MAX2659 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
logo
List of Unclassifed Man...
MAX2659 ETC2-MAX2659 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
141Kb / 4P
   Jumper Included for Shutdown Setting Evaluation Kit
Rev 0; 8/07
MAX2659ELT MAXIM-MAX2659ELT Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
More results

Similar Description - MAX2659

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
SKY65605 SKYWORKS-SKY65605_21 Datasheet
190Kb / 2P
   BDS-GPS-GNSS Low-Noise Amplifier
logo
Maxim Integrated Produc...
MAX2679 MAXIM-MAX2679 Datasheet
540Kb / 9P
   GPS/GNSS Ultra-Low Current Low-Noise Amplifier
Rev 0; 3/17
MAX2687 MAXIM-MAX2687 Datasheet
1Mb / 11P
   GPS/GNSS Low-Noise Amplifiers
Rev 1; 5/12
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2686 MAXIM-MAX2686 Datasheet
905Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 8/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com