Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX674A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MX674A
Description  Industry-Standard, Complete 12-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX674A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MX674A Datasheet HTML 4Page - Maxim Integrated Products MX674A Datasheet HTML 5Page - Maxim Integrated Products MX674A Datasheet HTML 6Page - Maxim Integrated Products MX674A Datasheet HTML 7Page - Maxim Integrated Products MX674A Datasheet HTML 8Page - Maxim Integrated Products MX674A Datasheet HTML 9Page - Maxim Integrated Products MX674A Datasheet HTML 10Page - Maxim Integrated Products MX674A Datasheet HTML 11Page - Maxim Integrated Products MX674A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX174/MX574A/MX674A
Industry-Standard, Complete 12-Bit ADCs
Pin Description (continued)
Detailed Description
Converter Operation
The MAX174/MX574A/MX674A use a successive approx-
imation technique to convert an unknown analog input to
a 12-bit digital output code. The control logic provides
easy interface to most microprocessors. Most applica-
tions require only a few external passive components to
perform the analog-to-digital (A/D) function.
The internal voltage output DAC is controlled by a suc-
cessive approximation register (SAR) and has an output
impedance of 2.5kω. The analog input is connected to
the DAC output with a 5kω resistor for the 10V input and
10kω resistor for the 20V input. The comparator is essen-
tially a zero-crossing detector, and its output is fed back
to the SAR input.
The SAR is set to half-scale as soon as a conversion starts.
The analog input is compared to 1/2 of the full-scale volt-
age. The bit is kept if the analog input is greater than half-
scale or dropped if smaller. The next bit, bit 10, is then set
with the DAC output either at 1/4 scale, if the most signifi-
cant bit (MSB) is dropped, or 3/4 scale if the MSB is kept.
The conversion continues in this manner until the least
significant bit (LSB) is tried. At the end of the conversion,
the SAR output is latched into the output buffers.
Digital Interface
CE, CS, and R/C control the operation of the MAX174/
MX574A/MX674A. While both CE and CS are asserted,
the state of R/C selects whether a conversion (R/C = 0) or
a data read (R/C = 1) is in progress. The register control
inputs, 12/8 and A0, select the data format and conver-
sion length. A0 is usually tied to the LSB of the address
bus. To perform a full 12-bit conversion, set A0 low during
a convert start. For a shorter 8-bit conversion, A0 must be
high during a convert start.
Output Data Format
During a data read, A0 also selects whether the three-
state buffers contain the 8 MSBs (A0 = 0) or the 4 LSBs
(A0 = 1) of the digital result. The 4 LSBs are followed by
4 trailing 0s.
Output data is formatted according to the 12/8 pin. If
this input is low, the output will be a word broken into
two 8-bit bytes. This allows direct interlace to 8-bit buses
without the need for external three-state buffers. If 12/8 is
high, the output will be one 12-bit word. A0 can change
state while a data-read operation is in effect.
To begin a conversion, the microprocessor must write
to the ADC address. Then, since a conversion usually
takes longer than a single clock cycle, the microproces-
sor must wait for the ADC to complete the conversion.
Valid data will be made available only at the end of the
conversion, which is indicated by STS. STS can be ether
polled or used to generate an interrupt upon completion.
Or, the microprocessor can be kept idle by inserting the
appropriate number of No Operation (NOP) instructions
between the conversion-start and data-read commands.
PIN
NAME
FUNCTION
6
CE
Chip-Enable Input. Must be high to select device.
7
VCC
+12V or +15V Supply
8
REFOUT
+10V Reference Output
9
AGND
Analog Ground
10
REFIN
Reference Input
11
VEE
-12V or -15V Supply
12
BIPOFF
Bipolar Offset Input. Connect to REFOUT for bipolar input range.
13
10VIN
10V Span Input
14
20VIN
20V Span Input
15
DGND
Digital Ground
16–27
D0–D11
Three-State Data Outputs
28
STS
Status Output


Similar Part No. - MX674A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX674AJCWI MAXIM-MX674AJCWI Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MX674AJCWI++ MAXIM-MX674AJCWI+ Datasheet
1Mb / 18P
   Industry-Standard, Complete 12-Bit ADCs
2018
MX674AJEPI MAXIM-MX674AJEPI Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MX674AJEPI++ MAXIM-MX674AJEPI+ Datasheet
1Mb / 18P
   Industry-Standard, Complete 12-Bit ADCs
2018
MX674AJEWI MAXIM-MX674AJEWI Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
More results

Similar Description - MX674A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174_V01 Datasheet
1Mb / 18P
   Industry-Standard, Complete 12-Bit ADCs
2018
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
logo
Analog Devices
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
logo
Linear Technology
LTC7541A LINER-LTC7541A_15 Datasheet
170Kb / 4P
   Improved Industry Standard CMOS 12-Bit Multiplying DAC
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com