Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1033 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1033
Description  8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1033 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1033 Datasheet HTML 1Page - Maxim Integrated Products MAX1033 Datasheet HTML 2Page - Maxim Integrated Products MAX1033 Datasheet HTML 3Page - Maxim Integrated Products MAX1033 Datasheet HTML 4Page - Maxim Integrated Products MAX1033 Datasheet HTML 5Page - Maxim Integrated Products MAX1033 Datasheet HTML 6Page - Maxim Integrated Products MAX1033 Datasheet HTML 7Page - Maxim Integrated Products MAX1033 Datasheet HTML 8Page - Maxim Integrated Products MAX1033 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
General Description
The MAX1032/MAX1033 multirange, low-power, 14-bit,
successive-approximation, analog-to-digital converters
(ADCs) operate from a single +5V supply and achieve
throughput rates up to 115ksps. A separate digital sup-
ply allows digital interfacing with 2.7V to 5.25V systems
using the SPI™-/QSPI™-/MICROWIRE™-compatible
serial interface. Partial power-down mode reduces the
supply current to 1.3mA (typ). Full power-down mode
reduces the power-supply current to 1µA (typ).
The MAX1032 provides eight (single-ended) or four
(true differential) analog input channels. The MAX1033
provides four (single-ended) or two (true differential)
analog input channels. Each analog input channel is
independently software programmable for seven sin-
gle-ended input ranges 0 to (3 x VREF)/2, (-3 x VREF)/2
to 0, 0 to 3 x VREF, -3 x VREF to 0, (±3 x VREF)/4,
(±3 x VREF)/2, ±3 x VREF and three differential input
ranges (±3 x VREF)/2, 3 x VREF, ±6 x VREF.
An on-chip +4.096V reference offers a small convenient
ADC solution. The MAX1032/MAX1033 also accept an
external reference voltage between 3.800V and 4.136V.
The MAX1032 is available in a 24-pin TSSOP package
and the MAX1033 is available in a 20-pin TSSOP pack-
age. Each device is specified for operation from -40°C
to +85°C.
Applications
Industrial Control Systems
Data-Acquisition Systems
Avionics
Robotics
Features
o Software-Programmable Input Range for Each
Channel
o Single-Ended Input Ranges (VREF = 4.096V)
(0 to (3 x VREF)/2, (-3 x VREF)/2 to 0,
0 to 3 x VREF, -3 x VREF to 0, (±3 x VREF)/4,
(±3 x VREF)/2, ±3 x VREF)
o Differential Input Ranges
(±3 x VREF)/2, 3 x VREF, ±6 x VREF
o Eight Single-Ended or Four Differential Analog
Inputs (MAX1032)
o Four Single-Ended or Two Differential Analog
Inputs (MAX1033)
o ±16.5V Overvoltage Tolerant Inputs
o Internal or External Reference
o 115ksps Maximum Sample Rate
o Single +5V Power Supply
o 20-/24-Pin TSSOP Package
8- and 4-Channel, ±3 x VREF
Multirange Inputs, Serial 14-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
Pin Configurations
Ordering Information
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AGND1
AGND2
AVDD2
AGND3
CH2
CH1
CH0
AVDD1
TOP VIEW
REF
REFCAP
DVDD
DVDD0
CH6
CH5
CH4
CH3
16
15
14
13
9
10
11
12
DGND
DGNDO
DOUT
SCLK
SSTRB
DIN
CS
CH7
TSSOP
MAX1032
+
19-3573; Rev 5; 12/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
PIN-PACKAGE
CHANNELS
MAX1032BEUG+
24 TSSOP
8
MAX1033BEUP+
20 TSSOP
4
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Pin Configurations continued at end of data sheet.
Note: All devices are specified over the -40°C to +85°C oper-
ating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX1033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1033 MAXIM-MAX1033 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1033BEUP++ MAXIM-MAX1033BEUP+ Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1033BEUP++ MAXIM-MAX1033BEUP+ Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1033EUP MAXIM-MAX1033EUP Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
More results

Similar Description - MAX1033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com