Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3231M_1112 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3231M_1112
Description  ±5ppm, I2C Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M_1112 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3231M_1112 Datasheet HTML 1Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 2Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 3Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 4Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 5Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 6Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 7Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 8Page - Maxim Integrated Products DS3231M_1112 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±5ppm, I2C Real-Time Clock
4
AC_ELECTRICAL_CHARACTERISTICS—I2C_INTERFACE
(VCC or VBAT = +2.3V to +5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, VBAT = +3.0V,
and TA = +25NC, unless otherwise noted.) (Note 5, Figure 1)
Note_1:_All voltages are referenced to ground.
Note_2:_The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set.
Note_3: Includes the temperature conversion current (averaged).
Note_4: This delay applies only if the oscillator is enabled. If the EOSC bit is 1, tREC is bypassed and RST immediately goes high.
The state of RST does not affect the I2C interface or RTC functions.
Note_5:__Interface timing shown is for fast-mode (400kHz) operation. This device is also backward-compatible with standard mode
I2C timing.
Note_6:_CB: Total capacitance of one bus line in picofarads.
Note_7:_Guaranteed by design; not 100% production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
0.6
F
s
Low Period of SCL
tLOW
1.3
F
s
High Period of SCL
tHIGH
0.6
F
s
Data Hold Time
tHD:DAT
0
0.9
F
s
Data Set-Up Time
tSU:DAT
100
ns
START Set-Up Time
tSU:STA
0.6
F
s
SDA and SCL Rise Time
tR
(Note 6)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 6)
20 +
0.1CB
300
ns
STOP Set-Up Time
tSU:STO
0.6
F
s
SDA, SCL Input Capacitance
CBIN
(Note 7)
10
pF


Similar Part No. - DS3231M_1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
More results

Similar Description - DS3231M_1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com