Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2080 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2080
Description  Half-bridge driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2080 Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2080 Datasheet HTML 1Page - NXP Semiconductors UBA2080 Datasheet HTML 2Page - NXP Semiconductors UBA2080 Datasheet HTML 3Page - NXP Semiconductors UBA2080 Datasheet HTML 4Page - NXP Semiconductors UBA2080 Datasheet HTML 5Page - NXP Semiconductors UBA2080 Datasheet HTML 6Page - NXP Semiconductors UBA2080 Datasheet HTML 7Page - NXP Semiconductors UBA2080 Datasheet HTML 8Page - NXP Semiconductors UBA2080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The UBA2080 and UBA2081 are high voltage monolithic integrated circuits made using
the latch-up free Silicon-On-Insulator (SOI) process. The circuit is designed for driving
MOSFETs in a half-bridge configuration.
2.
Features and benefits
Integrated half-bridge driver circuit
Integrated bootstrap diode
Maximum voltage of 600 V
Output driver capability: IO(sink) = 400 mA and IO(source) = 200 mA
Maximum frequency 800 kHz
UBA2080:
Outputs in phase with inputs
UBA2081:
Adjustable dead-time
Shutdown input
3.
Applications
Driver (via external MOSFETs) for any kind of load in a half-bridge configuration
4.
Ordering information
UBA2080/1
Half-bridge driver IC
Rev. 1.1 — 6 December 2011
Objective data sheet
Table 1.
Ordering information
Type number
Package
Name
Description
Version
UBA2080P
DIP8
plastic dual in-line package; 8 leads
SOT97-1
UBA2081P
UBA2080T
SO8
plastic small outline package; 8 leads
SOT96-1
UBA2081T
UBA2080AT
SO14
plastic small outline package; 14 leads
SOT108-1


Similar Part No. - UBA2080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2000T PHILIPS-UBA2000T Datasheet
102Kb / 16P
   Electronic TL-lamp starter
1996 Jan 03
logo
Texas Instruments
UBA2007 TI-UBA2007 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
UBA2007TK/N2 TI-UBA2007TK/N2 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
logo
NXP Semiconductors
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
   600 V driver IC for HF fluorescent lamps
2002 May 16
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
More results

Similar Description - UBA2080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IPN10EL-S INFINEON-IPN10EL-S_14 Datasheet
1Mb / 18P
   PN Half Bridge Driver IC
Rev 1.1, 2014-01-21
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
   Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com