Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT68-07W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BAT68-07W
Description  Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT68-07W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAT68-07W Datasheet HTML 1Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 2Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 3Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 4Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAT 68-07W
Semiconductor Group
Sep-09-1998
4
Forward current
IF = f (VF)
TA = Parameter
0.0
10
EHD07101
BAT 68...
Ι
F
F
V
10
10
10
10
-40 C
A =
mA
-2
-1
0
1
2
C
25
C
85
C
150
0.1
0.2
0.3
0.4
0.5 V 0.6
T
Reverse current
IR = f (VR)
TA = Parameter
0
10
EHD07102
BAT 68...
Ι
R
R
V
10
10
10
10
A
150 C
TA =
12
3
V
µ
4
-3
-2
-1
0
2
1
10
C
85
C
25
Differential forward resistance
rf = f (IF)
f = 10 kHz
10
EHD07104
BAT 68...
r
Ι
f
-1
0
10
1
10
mA
10 2
F
0
10
1
10
2
10
3
10
Diode capacitance
CT = f (VR)
f = 1MHz
0
0
EHD07103
BAT 68...
C
T
R
V
23
4
0.5
pF
1.0
1V
Semiconductor Group
4
1998-11-01


Similar Part No. - BAT68-07W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT68-07W INFINEON-BAT68-07W Datasheet
487Kb / 8P
   Silicon Schottky Diodes
Feb-03-2003
BAT68-07W INFINEON-BAT68-07W Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT68-07W INFINEON-BAT68-07W Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT68-07W INFINEON-BAT68-07W Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results

Similar Description - BAT68-07W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT17W SIEMENS-BAT17W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT68W SIEMENS-BAT68W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
BAT17-07 SIEMENS-BAT17-07 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
BAT68-03W SIEMENS-BAT68-03W Datasheet
92Kb / 5P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching)
BAT17- SIEMENS-BAT17- Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
logo
Infineon Technologies A...
BAT17E6327 INFINEON-BAT17E6327 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
   VHF/UHF Mixer, Local Oscillator Applications???
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com