Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4200DY-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4200DY-T1-GE3
Description  Dual N-Channel 25 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4200DY-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4200DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4200DY
Document Number: 66825
S10-2005-Rev. A, 06-Sep-10
www.vishay.com
1
Dual N-Channel 25 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Gen III Power MOSFET
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converter
- Game Console
- Notebook System Power
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
25
0.025 at VGS = 10 V
8a
3.6 nC
0.030 at VGS = 4.5 V
7.9
D1
G1
D1
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S1
S2
Ordering Information: Si4200DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8a
A
TC = 70 °C
6.9
TA = 25 °C
7.3b, c
TA = 70 °C
5.8b, c
Pulsed Drain Current (t = 300 µs)
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.3
TA = 25 °C
1.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
12
Single Pulse Avalanche Energy
EAS
7.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
2.8
W
TC = 70 °C
1.8
TA = 25 °C
2.0b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
58
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
38
45


Similar Part No. - SI4200DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4200DY VISHAY-SI4200DY Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
SI4200DY VISHAY-SI4200DY_V01 Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI4200DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI1904EDH VISHAY-SI1904EDH Datasheet
49Kb / 5P
   DUAL N-CHANNEL 25-V (D-S) MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com