Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-A990 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-A990
Description  Silicon Schottky Diode (Low-power Schottky rectifier diode)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A990 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-A990 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A990 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A990 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-A990 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
05.96
Silicon Schottky Diode
BAT 65
Type
Marking
Ordering Code
Pin Configuration
Package1)
12
BAT 65
White/C
Q62702-A990
C
A
SOD-123
1)
Dimensions see page 313.
Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Reverse voltage
V
R
40
V
Forward current
I
F
750
mA
Average forward current,
f = 50 Hz
I
FAV
500
mA
Surage forward current,
t
≤ 10 ms
I
FSM
2.5
A
Total power dissipation,
T
S ≤ 100 °C
P
tot
600
mW
Junction temperature
T
j
150
°C
Storage temperature range
T
stg
− 55 … + 150
°C
Features
• Low-power Schottky rectifier diode
• For low-loss, fast-recovery rectification,
meter protection, bias isolation and
clamping purposes
• Miniature plastic package for surface
mounting (SMD)


Similar Part No. - Q62702-A990

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A918 SIEMENS-Q62702-A918 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
Q62702-A919 SIEMENS-Q62702-A919 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
Q62702-A920 SIEMENS-Q62702-A920 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low leakage applications Medium speed switching times Common cathode)
Q62702-A921 SIEMENS-Q62702-A921 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
Q62702-A922 SIEMENS-Q62702-A922 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
More results

Similar Description - Q62702-A990

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT66-05 SIEMENS-BAT66-05 Datasheet
66Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
logo
GeneSiC Semiconductor, ...
MBRH15045L GENESIC-MBRH15045L Datasheet
365Kb / 3P
   Low Silicon Power Schottky Diode
MBRT40045L GENESIC-MBRT40045L Datasheet
605Kb / 3P
   Low Silicon Power Schottky Diode
logo
Seme LAB
SML020DH12 SEME-LAB-SML020DH12 Datasheet
82Kb / 2P
   SILICON CARBIDE POWER SCHOTTKY RECTIFIER DIODE
logo
GeneSiC Semiconductor, ...
MBRH15035L GENESIC-MBRH15035L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH15040L GENESIC-MBRH15040L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20030L GENESIC-MBRH20030L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20035L GENESIC-MBRH20035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20040L GENESIC-MBRH20040L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30020L GENESIC-MBRH30020L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com