Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGU7004 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGU7004
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGU7004 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGU7004 Datasheet HTML 3Page - NXP Semiconductors BGU7004 Datasheet HTML 4Page - NXP Semiconductors BGU7004 Datasheet HTML 5Page - NXP Semiconductors BGU7004 Datasheet HTML 6Page - NXP Semiconductors BGU7004 Datasheet HTML 7Page - NXP Semiconductors BGU7004 Datasheet HTML 8Page - NXP Semiconductors BGU7004 Datasheet HTML 9Page - NXP Semiconductors BGU7004 Datasheet HTML 10Page - NXP Semiconductors BGU7004 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
BGU7004
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 5 July 2011
7 of 20
NXP Semiconductors
BGU7004
SiGe:C Low Noise Amplifier MMIC for GPS
VCC = 1.8 V; Pi = 45 dBm.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
(4) Tamb = +125 C
VCC = 1.8 V; Tamb =25 C.
(1) Pi = 45 dBm
(2) Pi = 30 dBm
(3) Pi = 20 dBm
(4) Pi = 15 dBm
Fig 4.
Power gain as a function of frequency;
typical values
Fig 5.
Power gain as a function of frequency;
typical values
f (MHz)
500
3000
2500
1500
2000
1000
001aao194
8
12
4
16
20
Gp
(dB)
0
(1)
(3)
(2)
(4)
f (MHz)
500
3000
2500
1500
2000
1000
001aak691
8
12
4
16
20
Gp
(dB)
0
(4)
(3)
(2)
(1)
Pi = 45 dBm; Tamb =25 C.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
Tamb =25 C; f = 1575 MHz.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
Fig 6.
Power gain as a function of frequency;
typical values
Fig 7.
Power gain and supply current as function of
input power; typical values
f (MHz)
500
3000
2500
1500
2000
1000
001aak692
6
12
18
Gp
(dB)
0
(3)
(2)
(1)
Pi (dBm)
-50
0
-10
-30
-20
-40
001aao195
14
11
17
20
Gp
(dB)
8
15
5
10
20
25
0
ICC
(mA)
(1)
(2)
(1)
(2)
Gp
ICC
(3)
(3)


Similar Part No. - BGU7004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7004 PHILIPS-BGU7004 Datasheet
331Kb / 2P
   The best reception of GNSS signals with the smallest footprint
October 2011
BGU7004 NXP-BGU7004 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGU7004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7007 NXP-BGU7007 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 1-20 May 2011
BGU7007_1111 PHILIPS-BGU7007_1111 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7008 PHILIPS-BGU7008 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7005 PHILIPS-BGU7005_11 Datasheet
277Kb / 20P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 4-6 May 2011
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
BGU8010 NXP-BGU8010 Datasheet
325Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-24 December 2013
BGU8309 NXP-BGU8309 Datasheet
115Kb / 13P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4-18 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com